Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6668TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6668TR
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6668TR Datasheet HTML 15Page - STMicroelectronics L6668TR Datasheet HTML 16Page - STMicroelectronics L6668TR Datasheet HTML 17Page - STMicroelectronics L6668TR Datasheet HTML 18Page - STMicroelectronics L6668TR Datasheet HTML 19Page - STMicroelectronics L6668TR Datasheet HTML 20Page - STMicroelectronics L6668TR Datasheet HTML 21Page - STMicroelectronics L6668TR Datasheet HTML 22Page - STMicroelectronics L6668TR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
L6668
20/23
Figure 46. Typical Application: 80W, WRM flyback; Electrical Schematic
Table 6. Light load measurements on the circuit of figure 46
5
Package information
In order to meet environmental requirements, STMicroelectronics offers this device in ECOPACK® pack-
age. This package has a Lead-free second level interconnect. The category of second level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an STMicroelectronics trademark. ECOPACK specifications are available at: www.st.com.
Output power
Test condition
Input power
Pout = 0.5 W
Vin= 110 Vac
0.71 W
Vin= 230 Vac
0.86 W
Pout = 0 W
Vin= 110 Vac
0.09 W
Vin= 230 Vac
0.17 W
88 to264
Vac
BD1
DF04M
C1
100 µF
400 V
4
R710k
Ω
12
R12 1k
Ω
R13A,B
0.56
1/2
5
7
10
R4
330 k
Ω
815
16
C5
3.3 nF
R8
4.03 k
Ω
11
Q1
STP9NK65
C8A,B,C
680 µF
25 V
GND
L6668
C12
2.2 nF
Y1
D2
STTA106
R3 10
Ω
R5 47k
Ω
C2
47 µF
25 V
9
1
S-COMP
VREF
C4
100 nF
C6
56 nF
RCT
SS
R1
3 M
Ω
3
GND
ISEN
OUT
HV
VCC
DIS
COMP
SKIPADJ
T1
18V/4.5A
13
STBY
1
2
3
R15
1.2 k
Ω
R14
4.3 k
Ω
R18
1.3 k
Ω
C7
2.2 nF
C3 100 nF
C10
100 nF
R9
6.2 k
Ω
R17
8.06 k
Ω
R16
47 k
Ω
D3 1N4148
D4
STPS20150CT
R2
3 M
Ω
OC1
PC817A
TL431
N1
N2
N3
F1 T2A250V
NTC1
R6
9.1 k
Ω
C9
100 nF
J1
J2
D1
1.5KE200
6
N.C.
R10
82.5 k
Ω
R11
47 k
Ω
OC1
PC817A
88 to264
Vac
BD1
DF04M
C1
100 µF
400 V
4
R710k
Ω
12
R12 1k
Ω
R13A,B
0.56
1/2
5
7
10
R4
330 k
Ω
815
16
C5
3.3 nF
R8
4.03 k
Ω
11
Q1
STP9NK65
C8A,B,C
680 µF
25 V
GND
L6668
C12
2.2 nF
Y1
D2
STTA106
R3 10
Ω
R5 47k
Ω
C2
47 µF
25 V
9
1
S-COMP
VREF
C4
100 nF
C6
56 nF
RCT
SS
R1
3 M
Ω
3
GND
ISEN
OUT
HV
VCC
DIS
COMP
SKIPADJ
T1
18V/4.5A
13
STBY
1
2
3
R15
1.2 k
Ω
R14
4.3 k
Ω
R18
1.3 k
Ω
C7
2.2 nF
C3 100 nF
C10
100 nF
R9
6.2 k
Ω
R17
8.06 k
Ω
R16
47 k
Ω
D3 1N4148
D4
STPS20150CT
R2
3 M
Ω
OC1
PC817A
TL431
N1
N2
N3
F1 T2A250V
NTC1
R6
9.1 k
Ω
C9
100 nF
J1
J2
D1
1.5KE200
6
N.C.
R10
82.5 k
Ω
R11
47 k
Ω
OC1
PC817A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com