Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58BW032BT Datasheet(PDF) 32 Page - STMicroelectronics

Part # M58BW032BT
Description  32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW032BT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M58BW032BT Datasheet HTML 28Page - STMicroelectronics M58BW032BT Datasheet HTML 29Page - STMicroelectronics M58BW032BT Datasheet HTML 30Page - STMicroelectronics M58BW032BT Datasheet HTML 31Page - STMicroelectronics M58BW032BT Datasheet HTML 32Page - STMicroelectronics M58BW032BT Datasheet HTML 33Page - STMicroelectronics M58BW032BT Datasheet HTML 34Page - STMicroelectronics M58BW032BT Datasheet HTML 35Page - STMicroelectronics M58BW032BT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
M58BW032BT, M58BW032BB, M58BW032DT, M58BW032DB
32/60
Table 15. DC Characteristics
Note: 1. The Standby mode can be disabled by setting the Standby Disable bit (M14) of the Burst Configuration Register to ‘1’.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VDDQ
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤VDDQ
±5
µA
IDD
(1)
Supply Current (Random Read)
E = VIL, G = VIH, fadd = 6MHz
50
mA
IDDB
(1)
Supply Current (Burst Read)
E = VIL, G = VIH, fclock =
75MHz
50
mA
IDD1
(1)
Supply Current (Standby)
E = RP = VDD ± 0.2V
100
µA
IDD2
(1)
Supply Current (Program or Erase)
Program, Erase in progress
30
mA
IDD3
(1)
Supply Current
(Erase/Program Suspend)
E = VIH
40
µA
VIL
Input Low Voltage
–0.5
0.2VDDQIN
V
VIH
Input High Voltage (for DQ lines)
0.8VDDQIN
VDDQ +0.3
V
VIH
Input High Voltage (for Input only
lines)
0.8VDDQIN
3.6
V
VOL
Output Low Voltage
IOL = 100µA
0.1
V
VOH
Output High Voltage CMOS
IOH = –100µA
VDDQ –0.1
V
VLKO
VDD Supply Voltage (Erase and
Program lockout)
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60