Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58BW032BT Datasheet(PDF) 46 Page - STMicroelectronics

Part # M58BW032BT
Description  32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW032BT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M58BW032BT Datasheet HTML 42Page - STMicroelectronics M58BW032BT Datasheet HTML 43Page - STMicroelectronics M58BW032BT Datasheet HTML 44Page - STMicroelectronics M58BW032BT Datasheet HTML 45Page - STMicroelectronics M58BW032BT Datasheet HTML 46Page - STMicroelectronics M58BW032BT Datasheet HTML 47Page - STMicroelectronics M58BW032BT Datasheet HTML 48Page - STMicroelectronics M58BW032BT Datasheet HTML 49Page - STMicroelectronics M58BW032BT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
M58BW032BT, M58BW032BB, M58BW032DT, M58BW032DB
46/60
APPENDIX A. FLOW CHARTS
Figure 20. Program Flowchart and Pseudo Code
Note: 1. If an error is found, the Status Register must be cleared before further P/E operations.
Write 40h
AI03850d
Start
Write Address
& Data
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
NO
b4 = 0
VPEN Invalid
Error (1)
Program
Error (1)
Program Command:
– write 40h, Address AAh
– write Address & Data
(memory enters read status
state after the Program command)
do:
– read status register
(E or G must be toggled)
while b7 = 1
If b3 = 1, VPEN invalid error:
– error handler
If b4 = 1, Program error:
– error handler
YES
End
NO
b1 = 0
Program to Protect
Block Error
If b1 = 1, Program to Protected Block Error:
– error handler
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com