Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSC2-PH2/CVMD Datasheet(PDF) 15 Page - Hirose Electric

Part # HSC2-PH2/CVMD
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-PH2/CVMD Datasheet(HTML) 15 Page - Hirose Electric

Back Button HSC2-PH2/CVMD Datasheet HTML 11Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 12Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 13Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 14Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 15Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 16Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 17Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 18Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 19Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
41
BSC Duplex connector assemblies.
Note 1: The "L" within the Product Number indicates the length of the cable. Please specify "L" in mm.
Note 2: Please contact us if you have any requests. HIROSE will offer excellent solutions to meet your requirements.
BMounting Dimensions
Note 1: * indicates cable diameter:
2= Ø2mm diameter
3= Ø3mm diameter
Note 2: # indicates polishing type:
1= PC polishing
2= AdPC polishing
Part Number
CL No.
Fiber cable type
Polishing type
Cable Diameter
HSCF-SP2PP-F3Q-L
HSCH-SP2PP-F3Q-L
HSCF-SP2PP-F3QW-L
HSCH-SP2PP-F3QW-L
HSCF-SP2PP-F3A-L
HSCH-SP2PP-F3A-L
HSCF-SP2PP-F3AW-L
HSCH-SP2PP-F3AW-L
HSCF-ASP2PP-F3Q-L
HSCH-ASP2PP-F3Q-L
HSCF-ASP2PP-F3QW-L
HSCH-ASP2PP-F3QW-L
HSCF-ASP2PP-F3A-L
HSCH-ASP2PP-F3A-L
HSCF-ASP2PP-F3AW-L
HSCH-ASP2PP-F3AW-L
HSCF-SP2PP-F3P-L
HSCH-SP2PP-F3P-L
HSCF-SP2PP-F3PW-L
HSCH-SP2PP-F3PW-L
HSCF-SP2PP-F3B-L
HSCH-SP2PP-F3B-L
HSCF-SP2PP-F3BW-L
HSCH-SP2PP-F3BW-L
704-4031-9
-------
-------
-------
-------
-------
704-4013-7
-------
-------
-------
-------
-------
-------
-------
-------
704-4018-0
704-4038-8
-------
-------
-------
-------
-------
704-4039-0
-------
SM-9.5/125
GI-50/125
PC
AdPC
PC
Ø2mm
Ø2mm Zip cord
Ø3mm
Ø3mm Zip cord
Ø2mm
Ø2mm Zip cord
Ø3mm
Ø3mm Zip cord
Ø2mm
Ø2mm Zip cord
Ø3mm
Ø3mm Zip cord
Plug
Panel
Adapter
Plug
HSC-PH
*-A4
HSC-PH0.9-E
#
HSC-PH
*-A4
HSC-PH0.9-E
#
HSC-PH
*-E#
HSCF-PH
*-B#(P)
HSC-PH
*-E#
HSCH-2PH
*-B#(P)
HSCF-2A(P)
HSCF-2A-D(P)
Combination
Dimensions
Adapter
Housing
a
b
c
d
e
f
58
28
15.2
53.4
23.4
10.6
39.5
28
15.2
34.9
23.4
10.6
36
26
15.2
31.4
21.4
10.6
HSCH-2A(P)
HSCH-2A-D(P)
HSCH-2A1(P)
Combination
Dimensions
Adapter
Housing
a
b
c
d
e
f
58
28
15.2
53.4
23.4
10.6
39.5
28
15.2
34.9
23.4
10.6
36
26
15.2
31.4
21.4
10.6
Unit: mm
<F Type>
<H Type>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com