Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSC2-PH2/CVMD Datasheet(PDF) 19 Page - Hirose Electric

Part # HSC2-PH2/CVMD
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-PH2/CVMD Datasheet(HTML) 19 Page - Hirose Electric

Back Button HSC2-PH2/CVMD Datasheet HTML 13Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 14Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 15Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 16Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 17Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 18Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 19Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 20Page - Hirose Electric HSC2-PH2/CVMD Datasheet HTML 21Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
45
qSimplex / Unshrouded
qDuplex H type / Shrouded
qDuplex H type / Shrouded (Without plate)
sSimplified receptacle to SC
BPanel cut-out
BPanel cut-out
BPanel cut-out
3
26
( 8.5)
15.9
17.9
7.4
( 8.5)
15.9
17.9
7.4
1.8
3
26
8+0.5
0
BPanel cut-out
9.5
+0.5
0
2-M2∞0.4
13
+0.5
0
18±0.1
13
+0.5
0
18±0.1
16.2
3
9.35
7.8
qSimplex / Shrouded
3
26
7.4
9.4
Panel thickness: 1.6mm
Part Number
CL No.
Split sleeve
Color
HSC-SR-1(51)
704-0320-4-51
Copper alloy
HSC-SR-D1(02)
704-0321-7-02
Zirconia
Blue
HSC-SR-1(03)
704-0320-4-03
None
Part Number
CL No.
Split sleeve
Color
HSC-SR-2(51)
704-0291-8-51
Copper alloy
HSC-SR-D2(06)
704-0292-0-06
Zirconia
Blue
HSC-SR-2(03)
704-0291-8-03
None
Part Number
CL No.
Split sleeve
Color
HSCH-2SR-1(R)(51)
704-0293-3-51
Copper alloy
HSCH-2SR-D1(R)(01)
704-0294-6-01
Zirconia
Blue
HSCH-2SR-1(R)(03)
704-0293-3-03
None
Part Number
CL No.
Split sleeve
Color
HSCH-2SR-3(R)(51)
704-0300-7-51
Copper alloy
HSCH-2SR-D3(R)(01)
704-0301-0-01
Zirconia
Blue
HSCH-2SR-3(R)(03)
704-0300-7-03
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com