Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APX9216 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9216
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9216 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9216 Datasheet HTML 1Page - Anpec Electronics Coropration APX9216 Datasheet HTML 2Page - Anpec Electronics Coropration APX9216 Datasheet HTML 3Page - Anpec Electronics Coropration APX9216 Datasheet HTML 4Page - Anpec Electronics Coropration APX9216 Datasheet HTML 5Page - Anpec Electronics Coropration APX9216 Datasheet HTML 6Page - Anpec Electronics Coropration APX9216 Datasheet HTML 7Page - Anpec Electronics Coropration APX9216 Datasheet HTML 8Page - Anpec Electronics Coropration APX9216 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2017
APX9216
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Sym bol
P arame ter
Ratings
Unit
V CC
V CC Pin S upply Vo lta ge (VCC to SGND)
-0.3 to 18
V
IOUTPEAK)
O UT1, OUT2 Pin Outpu t Pea k Curren t ( pulse width < 45
µs, 20KHz )
3.5
A
IOUT
O UT1, OUT2 Pin Maxi mum O utput Cur rent
3
A
V
OUT1, OU T2
O UT1, OUT2 Pin Outpu t Volta ge
V
PGND-0. 3 to 1 8
V
V PGND
P GND to SGND Vo lta ge
-0.3 to 0.3
V
VSET
S ET Pi n Inp ut Voltage (SE T to SGND)
-0.3 to 7
V
V MIN
MIN P in Inp ut Voltage (MIN to SGND)
-0.3 to 7
V
VS-S
S -S Pin Withstan d Vol tag e (S-S to S GND)
-0.3 to 7
V
FG Pin O utput Voltage
-0.3 to V CC
V
I
FG
FG Pin Maximum Outpu t Sink Curren t
10
mA
TJ
Maximum Junction Temp erature
15 0
oC
TSTG
Storag e Temp erature
-65 to 150
o
C
TSDR
Maximum Lea d Solde ring Temperature , 10 Se conds
26 0
oC
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
APX9216
Package Code
QA : QFN5X5 - 16
R : TSSOP-16P
Operating Ambient Temperature Range
I : -40 to 90
oC
Handling Code
TR : Tape & Reel
Assembly Material
G: Halogen and Lead Free Device
Assembly Material
Handling Code
Temperature Range
Package Code
APX9216 QA :
APX9216
XXXXX
XXXXX - Date Code
APX9216 R :
APX9216
XXXXX
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com