Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APX9216 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX9216
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9216 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX9216 Datasheet HTML 1Page - Anpec Electronics Coropration APX9216 Datasheet HTML 2Page - Anpec Electronics Coropration APX9216 Datasheet HTML 3Page - Anpec Electronics Coropration APX9216 Datasheet HTML 4Page - Anpec Electronics Coropration APX9216 Datasheet HTML 5Page - Anpec Electronics Coropration APX9216 Datasheet HTML 6Page - Anpec Electronics Coropration APX9216 Datasheet HTML 7Page - Anpec Electronics Coropration APX9216 Datasheet HTML 8Page - Anpec Electronics Coropration APX9216 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2017
APX9216
www.anpec.com.tw
3
Symbol
Parameter
Typical Value
Unit
RTH, JA
Thermal Resistance-Junction to Ambient
(Note 2)
QFN5x5-16
TSSOP-16P
78
83
oC/W
PD
Power Dissipation, TA=25
oC
QFN5x5-16
TSSOP-16P
1.6
1.5
W
Thermal Characteristics
Note 2: Mounted on a board (60x38x1.6t mm, Glass epoxy). Te Thermal Pad on the bottom package should be soldered directly
to the PCB
’s Thermal Pad area that with several thermal vias connect to ground plan, and the PCB is a 2-layer, 10mm square
area with 2oz cooper thickness.
Recommended Operation Conditions (Note 3)
Symbol
Parameter
Range
Unit
VCC
VCC Pin Supply Voltage Range
3 to 6
V
VSET
SET Pin Input Voltage Range
0 to VVREG
V
VMIN
MIN Pin Input Voltage Range
0 to VVREG
V
VICM
Hall Input (IN+, IN-) Common-Phase Input Voltage Range
0.2 to 3
V
TA
Ambient Temperature
-40 to 90
oC
TJ
Junction Temperature
-40 to 125
oC
Note 3: Refer to the typical application circuit
Electrical Characteristics (V
CC = 5V, TA = 25°C, unless otherwise specified)
APX9216
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY CURRENT
VVREG
VREG Pin Output Voltage
IVREG = 5mA
3.3
3.5
3.7
V
VHB
HB Pin Output Voltage
IHB = 5mA
1.2
1.3
1.4
V
ICC1
Rotation Mode
-
4
6
ICC2
Operating Current
Lock Protection Mode
-
4
6
mA
OSCILLATOR
VOSCH
OSC High Level Voltage
2.1
2.3
2.5
V
VOSCL
OSC Low Level Voltage
0.3
0.4
0.5
V
IOSC1
OSC Charge Current
VOSC = 0.1V
20
25
30
µA
IOSC2
OSC Discharge Current
VOSC = 3V
20
25
30
µA
FOSC
OSC Oscillation Frequency
COSC=220pF
20
30
40
KHz
LOCK PROTECTION
VCTH
CT Pin High Level Voltage
2.75
3
3.25
V
VCTL
CT Pin Low Level Voltage
0.85
1
1.15
V
ICT1
CT Charge Current
VCT = 0.5V
1.5
2
2.5
µA
ICT2
CT Discharge Current
VCT = 3.5V
0.15
0.2
0.25
µA
RCT
CT Charge/Discharge Current Ratio
RCT = ICT1/ICT2
8
10
12
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com