Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1302BIPVUATR Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1302BIPVUATR
Description  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BIPVUATR Datasheet(HTML) 1 Page - Microchip Technology

  TC1302BIPVUATR Datasheet HTML 1Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 2Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 3Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 4Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 5Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 6Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 7Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 8Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21333B-page 1
TC1302A/B
Features
• Dual Output LDO:
-VOUT1 = 1.5V to 3.3V @ 300 mA
-VOUT2 = 1.5V to 3.3V @ 150 mA
• Output Voltage (See Table 8-1)
• Low Dropout Voltage:
-VOUT1 = 104 mV @ 300 mA Typical
-VOUT2 = 150 mV @ 150 mA Typical
• Low Supply Current: 116 µA Typical
TC1302A/B with both output voltages available
• Reference Bypass Input for Low-Noise Operation
• Both Output Voltages Stable with a Minimum of
1 µF Ceramic Output Capacitor
• Separate VOUT1 and VOUT2 SHDN pins
(TC1302B)
• Power-Saving Shutdown Mode of Operation
• Wake-up from SHDN: 5.3 µs. Typical
• Small 8-pin DFN or MSOP Package Options
• Operating Junction Temperature Range:
- -40°C to +125°C
• Overtemperature and Overcurrent Protection
Applications
• Cellular/GSM/PHS Phones
• Battery-Operated Systems
• Hand-Held Medical Instruments
• Portable Computers/PDAs
• Linear Post-Regulators for SMPS
• Pagers
Related Literature
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765, Microchip Technology Inc., 2002
• AN766, “Pin-Compatible CMOS Upgrades to
BiPolar LDOs”, DS00766,
Microchip Technology Inc., 2002
• AN792, “A Method to Determine How Much
Power a SOT23 Can Dissipate in an Application”,
DS00792, Microchip Technology Inc., 2001
Description
The TC1302A/B combines two Low Dropout (LDO)
regulators into a single 8-pin MSOP or DFN package.
Both regulator outputs feature low dropout voltage,
104 mV @ 300 mA for VOUT1, 150 mV @ 150 mA for
VOUT2, low quiescent current consumption, 58 µA each
and a typical regulation accuracy of 0.5%. Several
fixed-output voltage combinations are available. A
reference bypass pin is available to further reduce
output noise and improve the power supply rejection
ratio of both LDOs.
The TC1302A/B is stable over all line and load
conditions, with a minimum of 1 µF of ceramic output
capacitance, and utilizes a unique compensation
scheme to provide fast dynamic response to sudden
line voltage and load current changes.
Additional features include an overcurrent limit and
overtemperature protection that combine to provide a
robust design for all load fault conditions.
Package Types
8-Pin DFN/MSOP
NC
SHDN2
Bypass
GND
NC
1
2
3
45
6
7
8
VOUT2
VIN
1
2
3
4
5
6
7
8
VOUT1
TC1302A
NC
SHDN2
Bypass
GND
NC
VOUT2
VIN
VOUT1
DFN8
MSOP8
NC
SHDN2
Bypass
GND
SHDN1
1
2
3
45
6
7
8
VOUT2
VIN
1
2
3
4
5
6
7
8
VOUT1
TC1302B
NC
SHDN2
Bypass
GND
SHDN1
VOUT2
VIN
VOUT1
DFN8
MSOP8
Low Quiescent Current Dual Output LDO


Similar Part No. - TC1302BIPVUATR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1302BIPVUA MICROCHIP-TC1302BIPVUA Datasheet
529Kb / 26P
Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
More results

Similar Description - TC1302BIPVUATR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
Low Quiescent Current LDO
2007
TC1302A MICROCHIP-TC1302A_13 Datasheet
529Kb / 26P
Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
SE8803 SEAWARD-SE8803 Datasheet
547Kb / 7P
Dual-Output Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
Low Quiescent Current LDO
08/20/13
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com