Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1302BIPVUATR Datasheet(PDF) 12 Page - Microchip Technology

Part # TC1302BIPVUATR
Description  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BIPVUATR Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC1302BIPVUATR Datasheet HTML 8Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 9Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 10Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 11Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 12Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 13Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 14Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 15Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TC1302A/B
DS21333B-page 12
© 2005 Microchip Technology Inc.
5.0
DETAILED DESCRIPTION
5.1
Device Overview
The TC1302A/B is a combination device consisting of
one 300 mA LDO regulator with a fixed output voltage
VOUT1 (1.5V – 3.3V) and one 150 mA LDO regulator
with a fixed output voltage VOUT2 (1.5V – 3.3V).
For the TC1302A, the 300 mA output (VOUT1) is always
present, independent of the level of SHDN2. The
150 mA output (VOUT2) can be turned ON/OFF by
controlling the level of SHDN2.
For the TC1302B, VOUT1 and VOUT2 each have
independent
shutdown
input
pins
(SHDN1
and
SHDN2) to control their respective outputs.
5.2
LDO Output #1
LDO output #1 is rated for 300 mA of output current.
The typical dropout voltage for VOUT1 = 104 mV @
300 mA. A 1 µF (minimum) output capacitor is needed
for stability and should be located as close to the VOUT1
pin and ground as possible.
5.3
LDO Output #2
LDO output #2 is rated for 150 mA of output current.
The typical dropout voltage for VOUT2 = 150mV. A 1µF
(minimum) capacitor is needed for stability and should
be located as close to the VOUT2 pin and ground as
possible.
5.4
Input Capacitor
Low input source impedance is necessary for the two
LDO outputs to operate properly. When operating from
batteries, or in applications with long lead length
(> 10 inches) between the input source and the LDO,
some input capacitance is recommended. A minimum
of 1.0 µF to 4.7 µF is recommended for most
applications. When using large capacitors on the LDO
outputs, larger capacitance is recommended on the
LDO input. The capacitor should be placed as close to
the input of the LDO as is practical. Larger input
capacitors will help reduce the input impedance and
further reduce any high-frequency noise on the input
and output of the LDO.
5.5
Output Capacitor
A minimum output capacitance of 1 µF for each of the
TC1302A/B LDO outputs is necessary for stability.
Ceramic capacitors are recommended because of their
size, cost and environmental robustness qualities.
Tantalum or aluminum electrolytic capacitors can be
used on the LDO outputs as well. The Equivalent
Series
Resistance
(ESR)
requirements
on
the
electrolytic output capacitor’s are between 0 and 2
ohms. The output capacitor should be located as close
to the LDO output as is practical. Ceramic materials,
X7R and X5R, have low temperature coefficients and
are well within the acceptable ESR range required. A
typical 1 uF X5R 0805 capacitor has an ESR of 50 milli-
ohms. Larger LDO output capacitors can be used with
the TC1302A/B to improve dynamic performance and
power supply ripple rejection performance. A maximum
of 10 µF is recommended. Aluminum electrolytic
capacitors are not recommended for low temperature
applications of < -25 °C.
5.6
Bypass Input
The Bypass pin is connected to the internal LDO
reference. By adding capacitance to this pin, the LDO
ripple rejection, input voltage transient response and
output noise performance are all increased. A typical
bypass
capacitor
between
470 pF
to
10 nF
is
recommended. Larger bypass capacitors can be used,
but result in a longer time period for the LDO outputs to
reach their rated output voltage when started from
SHDN or VIN.
5.7
GND
For the optimal noise and PSRR performance, the
GND pin of the TC1302A/B should be tied to a quiet
circuit ground. For applications that have switching or
noisy inputs, tie the GND pin to the return of the output
capacitor. Ground planes help lower inductance and
voltage spikes caused by fast transient load currents
and are recommended for applications that are
subjected to fast load transients.
5.8
SHDN1/SHDN2 Operation
The TC1302A SHDN2 pin is used to turn VOUT2 ON
and OFF. A logic-high level on SHDN2 will enable the
VOUT2 output, while a logic-low on the SHDN2 pin will
disable the VOUT2 output. For the TC1302A, VOUT1 is
not affected by SHDN2 and will be enabled as long as
the input voltage is present.
The TC1302B SHDN1 and SHDN2 pins are used to
turn VOUT1 and VOUT2 ON and OFF. They operate
independent of each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com