Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8950GEFL/V Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8950GEFL/V
Description  ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8950GEFL/V Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8950GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Preliminary Technical Data
WM8950
w
PTD Rev 2.1 June 2005
45
HIGHPASS FILTER
The WM8950 has a selectable digital highpass filter in the ADC filter path.
This filter has two
modes, audio and applications. In audio mode the filter is a 1
st order IIR with a cutoff of around
3.7Hz.
In applications mode the filter is a 2
nd order high pass filter with a selectable cutoff
frequency.
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
5 10
1520
2530
3540
45
Frequency (Hz)
-60
-50
-40
-30
-20
-10
0
10
0
200
400
600
800
1000
1200
Frequency (Hz)
Figure 34 ADC Highpass Filter Response, HPFAPP=0
Figure 35 ADC Highpass Filter Responses (48kHz),
HPFAPP=1, all cutoff settings shown.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
200
400
600
800
1000
1200
Frequency (Hz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
200
400
600
800
1000
1200
Frequency (Hz)
Figure 36 ADC Highpass Filter Responses (24kHz),
HPFAPP=1, all cutoff settings shown.
Figure 37 ADC Highpass Filter Responses (12kHz),
HPFAPP=1, all cutoff settings shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com