Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8950GEFL/V Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8950GEFL/V
Description  ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8950GEFL/V Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8950GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8950GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
WM8950
Preliminary Technical Data
w
PTD Rev 2.1 June 2005
46
5-BAND EQUALISER
The WM8950 has a 5-band equaliser which can be applied to the ADC path. The plots from Figure
38 to Figure 51 show the frequency responses of each filter with a sampling frequency of 48kHz,
firstly showing the different cut-off/centre frequencies with a gain of
±12dB, and secondly a sweep of
the gain from -12dB to +12dB for the lowest cut-off/centre frequency of each filter.
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 38 EQ Band 1 – Low Frequency Shelf Filter Cut-offs Figure 39 EQ Band 1 – Gains for Lowest Cut-off Frequency
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 40 EQ Band 2 – Peak Filter Centre Frequencies,
EQ2BW=0
Figure 41 EQ Band 2 – Peak Filter Gains for Lowest Cut-off
Frequency, EQ2BW=0
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 42 EQ Band 2 – EQ2BW=0, EQ2BW=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com