Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDF9N50F Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDF9N50F
Description  N-Channel MOSFET 500V, 8.0 A, 0.97ohm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF9N50F Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDF9N50F Datasheet HTML 1Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 2Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 3Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 4Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 5Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Jun 2018. Version 1.1
MagnaChip Semiconductor Ltd.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
Fig.10 Maximum Drain Current vs. Case
Temperature
Fig.11 Transient Thermal Response Curve
Fig.12 Single Pulse Maximum Power
Dissipation
25
50
75
100
125
150
0
1
2
3
4
5
T
C, Case Temperature [
℃]
1E-5
1E-4
1E-3
0.01
0.1
1
10
0
1000
2000
3000
4000
single Pulse
R
thJC = 3.3
℃/W
T
C = 25
℃
Pulse Width (s)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
※ Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z
θ JC* Rθ JC(t) + TC
R
Θ JC=3.3℃/W
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
400V
250V
100V
※ Note : I
D = 8.0A
Q
G, Total Gate Charge [nC]
1
10
0
500
1000
1500
2000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
10
-1
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
1s
10 s
100 s
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
℃
V
DS, Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com