Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDF9N50F Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF9N50F
Description  N-Channel MOSFET 500V, 8.0 A, 0.97ohm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF9N50F Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF9N50F Datasheet HTML 1Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 2Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 3Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 4Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 5Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Jun 2018. Version 1.1
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
8.0
A
TC=100
oC
4.8
A
Pulsed Drain Current
(1)
IDM
32
A
Power Dissipation
TC=25
oC
PD
38
W
Derate above 25
oC
0.3
W/
oC
Peak Diode Recovery dv/dt
(3)
Dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
300
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
※ Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
3.3
MDF9N50F
N-Channel MOSFET 500V, 8.0 A, 0.97
Ω
General Description
The MDF9N50F uses advanced Magnachip
’s
MOSFET Technology, which provides low on-state
resistance, high switching performance and
excellent quality.
MDF9N50F is suitable device for SMPS, HID and
general purpose applications.
Features
 VDS = 500V
 ID = 8.0A @VGS = 10V
 RDS(ON) ≤ 0.97Ω @VGS = 10V
Applications
 Power Supply
 HID
 Lighting
S
D
G


Similar Part No. - MDF9N50F

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF9N50 MGCHIP-MDF9N50 Datasheet
771Kb / 6P
N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDF9N50BTH MGCHIP-MDF9N50BTH Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
logo
Inchange Semiconductor ...
MDF9N50BTH ISC-MDF9N50BTH Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDF9N50TH MGCHIP-MDF9N50TH Datasheet
771Kb / 6P
N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
logo
Inchange Semiconductor ...
MDF9N50TH ISC-MDF9N50TH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF9N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
500V N-Channel MOSFET
FQL40N50F FAIRCHILD-FQL40N50F Datasheet
635Kb / 8P
500V N-Channel MOSFET
FQNL2N50B FAIRCHILD-FQNL2N50B Datasheet
598Kb / 8P
500V N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDD5N50F MGCHIP-MDD5N50F Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 4.2 A, 1.58ohm
MDP5N50F MGCHIP-MDP5N50F Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 4.5 A, 1.58ohm
MDP9N50F MGCHIP-MDP9N50F Datasheet
950Kb / 6P
N-Channel MOSFET 500V, 8.0 A, 0.97ohm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com