Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDA18-1F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA18-1F2
Description  Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1F2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA18-1F2 Datasheet HTML 1Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 2Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 3Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 4Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 5Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 6Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESDA18-1F2
3/7
Figure 2: Relative variation of peak pulse
power versus initial junction temperature
Figure 3: Peak pulse power versus exponen-
tial pulse duration
Figure 4: Clamping voltage versus peak pulse
current (typical values, exponential waveform)
Figure 5: Forward voltage drop versus peak
forward current (typical values)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values)
Figure 7: Relative variation of leakage current
versus junction temperature (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P
[T initial] / P
[T initial=25°C)
PP
j
PP
j
T (°C)
j
10
100
1000
10000
1
10
100
1000
P
(W)
PP
t (µs)
p
T initial=25°C
j
0.1
1.0
10.0
100.0
10
12
14
16
18
20
22
24
26
28
30
I
(A)
PP
V
(V)
CL
8/20µs
T initial=25°C
j
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
(A)
FM
V
(V)
FM
T =25°C
j
T =125°C
j
0
50
100
150
200
250
300
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
1
10
100
25
50
75
100
125
I [T ] / I [T =25°C]
Rj
Rj
T (°C)
j
V =10V
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com