Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQE10 Datasheet(PDF) 3 Page - CUI INC

Part # PDQE10
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQE10 Datasheet(HTML) 3 Page - CUI INC

  PDQE10 Datasheet HTML 1Page - CUI INC PDQE10 Datasheet HTML 2Page - CUI INC PDQE10 Datasheet HTML 3Page - CUI INC PDQE10 Datasheet HTML 4Page - CUI INC PDQE10 Datasheet HTML 5Page - CUI INC PDQE10 Datasheet HTML 6Page - CUI INC PDQE10 Datasheet HTML 7Page - CUI INC PDQE10 Datasheet HTML 8Page - CUI INC PDQE10 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
cui.com
date 06/21/2018
│ page 3 of 10
CUI Inc
│ SERIES: PDQE10 │ DESCRIPTION: DC-DC CONVERTER
OUTPUT (CONTINUED)
parameter
conditions/description
min
typ
max
units
cross regulation
dual output models:
main output 50% load
secondary output from 10~100% load
±5
%
switching frequency11
PWM mode
350
kHz
transient recovery time
25% load step change, nominal input voltage
300
500
μs
transient response deviation
25% load step change, nominal input voltage
±3
±5
%
temperature coefficient
at full load
±0.03
%/°C
Note:
11. Value is based on full load. At loads <10%, the switching frequency decreases with decreasing load
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
110
160
%
over current protection
110
140
190
%
short circuit protection
continuous, self recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA
1,500
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
isolation capacitance
input to output, 100 kHz / 0.1 V
1,000
pF
safety approvals12
UL 60950-1
conducted emissions
CISPR22/EN55022, class A (no external circuit); class B (external circuit required, see Figure 3-b)
radiated emissions
CISPR22/EN55022, class A (no external circuit); class B (external circuit required, see Figure 3-b)
ESD
IEC/EN61000-4-2, contact ± 4kV, class B
radiated immunity
IEC/EN61000-4-3, 10V/m, class A
EFT/burst
IEC/EN61000-4-4, ± 2kV, class B (external circuit required, see Figure 3-a)
surge
IEC/EN61000-4-5, line-line ± 2kV, class B (external circuit required, see Figure 3-a)
conducted immunity
IEC/EN61000-4-6, 3 Vr.m.s, class A
voltage dips & interruptions
IEC/EN61000-4-29, 0%-70%, class B
MTBF
as per MIL-HDBK-217F, 25°C
1,000,000
hours
RoHS
yes
Note:
12. See specific chassis mount and DIN-rail mount versions with UL approval on page 1.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com