Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQE10 Datasheet(PDF) 7 Page - CUI INC

Part # PDQE10
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQE10 Datasheet(HTML) 7 Page - CUI INC

Back Button PDQE10 Datasheet HTML 2Page - CUI INC PDQE10 Datasheet HTML 3Page - CUI INC PDQE10 Datasheet HTML 4Page - CUI INC PDQE10 Datasheet HTML 5Page - CUI INC PDQE10 Datasheet HTML 6Page - CUI INC PDQE10 Datasheet HTML 7Page - CUI INC PDQE10 Datasheet HTML 8Page - CUI INC PDQE10 Datasheet HTML 9Page - CUI INC PDQE10 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
cui.com
date 06/21/2018
│ page 7 of 10
CUI Inc
│ SERIES: PDQE10 │ DESCRIPTION: DC-DC CONVERTER
APPLICATION CIRCUIT
Figure 1
Single Output Models
Table 1
EMC RECOMMENDED CIRCUIT
Table 2
Figure 3
Recommended External Circuit Components
Vin (Vdc)
24
48
FUSE
choose according to actual input current
MOV
S20K30
S14K60
C0
330 µF / 50 V
330 µF / 100 V
C1
1 µF / 50 V
1 µF / 100 V
C2
10 µF
LDM1
4.7 μH
CY1, CY2
1 nF / 2 kV
Vin
(Vdc)
Cin
(μF)
Cout
(μF)
24
100
10
48
10~47
10
Figure 2
Dual Output Models
This series has been tested according to the following recommended circuits (Figures 1 & 2) before leaving the factory.
If you want to further reduce the input and output ripple, you can increase the input and output capacitors or select
capacitors of low equivalent impedance provided that the capacitance is less than the maximum capacitive load of the
model.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com