Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FUSB307BVMPX Datasheet(PDF) 47 Page - ON Semiconductor

Part # FUSB307BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BVMPX Datasheet(HTML) 47 Page - ON Semiconductor

Back Button FUSB307BVMPX Datasheet HTML 43Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 44Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 45Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 46Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 47Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 48Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 49Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 50Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
www.onsemi.com
47
Table 52. RXDETECT (continued)
RXDETECT enables the types of messages and/or signaling to be detected. SOP* enabling also turns on auto−GoodCRC response.
This register is reset when: A Hard Reset is received or sent; after the GoodCRC transmission due to RxOneMore; on a disconnect
detection; SW_RST or POR.
Address: 2Fh
Reset Value: 0x00
Type: Read/Write
Bit #
Receive Detect Description (Note 35)
Size (Bits)
R/W/C
Name
2
EN_SOP2
R/W
1
0b: Do not detect SOP” message (default)
1b: Detect SOP” message
1
EN_SOP1
R/W
1
0b: Do not detect SOP’ message (default)
1b: Detect SOP’ message
0
EN_SOP
R/W
1
0b: Do not detect SOP message (default)
1b: Detect SOP message
35. Writing all 0s to this register disables PD.
Table 53. RXBYTECNT
Address: 30h
Reset Value: 0x00
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Received Byte Count Description
7:0
RXBYTECNT
R
8
Number of Bytes Received. This is the number of bytes in RXDATA
plus 3 (RXSTAT and RXHEADL, H)
Table 54. RXSTAT
This register indicates the status of the received SOP* message in RXHEADL,RXHEADH, and RXDATA registers.
Address: 31h
Reset Value: 0x00
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Receive Status Description
7:3
Reserved
R
5
Reserved: 00000b
2:0
RXSOP
R
3
Received SOP
000b: Received SOP
001b: Received SOP’
010b: Received SOP’’
011b: Received SOP’_DBG
100b: Received SOP”_DBG
110b: Received Cable Reset
All others are reserved.
Table 55. RXHEADL
Received Header Low byte is stored here. Expected GoodCRC messages are not stored.
Address: 32h
Reset Value: 0x00
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Receive Header Low Description
7:0
RXHEADL
R
8
Rx Header Data Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com