Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D5V0FS4U10LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D5V0FS4U10LP
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0FS4U10LP Datasheet(HTML) 1 Page - Diodes Incorporated

  D5V0FS4U10LP Datasheet HTML 1Page - Diodes Incorporated D5V0FS4U10LP Datasheet HTML 2Page - Diodes Incorporated D5V0FS4U10LP Datasheet HTML 3Page - Diodes Incorporated D5V0FS4U10LP Datasheet HTML 4Page - Diodes Incorporated D5V0FS4U10LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D5V0FS4U10LP
Document number: DS39520 Rev. 1
– 2
1 of 5
www.diodes.com
September 2017
© Diodes Incorporated
D5V0FS4U10LP
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Product Summary
VBR (Min)
IPP (Max)
CI/O (Typ)
5.5V
3.5A
0.45pF
Description
The D5V0FS4U10LP is a high-performance device suitable for
protecting four high speed I/Os. These devices are assembled in U-
DFN2510-10 package and have high ESD surge capability, low ESD
clamping voltage and ultra-low capacitance.
Applications
Typically used at high-speed ports such as USB 3.0, USB 3.1, Serial
ATA, Display port.
Features
Clamping Voltage: 6V at 16A TLP
IEC 61000-4-2 (ESD): Air
— ±8kV, Contact — ±8kV
IEC 61000-4-5 (Lightning): 3.5A (8/20µs)
4 Channels of ESD Protection
Ultra-Low Channel Input Capacitance of 0.45pF Typical
TLP Dynamic Resistance: 0.25
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: U-DFN2510-10
Case
Material: Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper Leadframe (Lead Free Plating).
Solderable per MIL-STD-202, Method 208
Weight: 0.038 grams (Approximate)
U-DFN2510-10
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity
D5V0FS4U10LP-7
Standard
NZ1
7
8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
U-DFN2510-10
Date Code Key
Year
2017
2018
2019
2020
2021
2022
Code
E
F
G
H
I
J
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Pin #
Description
1, 2, 4, 5
I/O
6, 7, 9, 10
No Connection
3, 8
Vss
Pin Description (Top View)
Device Schematic
NZ1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
1
2
3
4
5
10
9
8
7
6
TF2
YM
NZ1
e4
3,8
Pin1
Pin2
Pin4
Pin5


Similar Part No. - D5V0FS4U10LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F1A10LP37 DIODES-D5V0F1A10LP37 Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
D5V0F1A10LP37B DIODES-D5V0F1A10LP37B Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
D5V0F1A10LP47 DIODES-D5V0F1A10LP47 Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
D5V0F1A10LP47B DIODES-D5V0F1A10LP47B Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
D5V0F1A10LP7 DIODES-D5V0F1A10LP7 Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
More results

Similar Description - D5V0FS4U10LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-04TS-7 DIODES-D1213A-04TS-7 Datasheet
147Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 8
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
DRTR5V0U4S DIODES-DRTR5V0U4S Datasheet
126Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
DRTR5V0U4SL DIODES-DRTR5V0U4SL Datasheet
194Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
D1213A-04SO DIODES-D1213A-04SO Datasheet
123Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 12
D3V3F4U10LP DIODES-D3V3F4U10LP Datasheet
404Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
D3V3F4U10LPQ DIODES-D3V3F4U10LPQ Datasheet
416Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2021 Rev. 1 - 2
D3V3XS4B10LP DIODES-D3V3XS4B10LP Datasheet
360Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2018 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com