Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D5V0FS4U10LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D5V0FS4U10LP
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0FS4U10LP Datasheet(HTML) 2 Page - Diodes Incorporated

  D5V0FS4U10LP Datasheet HTML 1Page - Diodes Incorporated D5V0FS4U10LP Datasheet HTML 2Page - Diodes Incorporated D5V0FS4U10LP Datasheet HTML 3Page - Diodes Incorporated D5V0FS4U10LP Datasheet HTML 4Page - Diodes Incorporated D5V0FS4U10LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D5V0FS4U10LP
Document number: DS39520 Rev. 1
– 2
2 of 5
www.diodes.com
September 2017
© Diodes Incorporated
D5V0FS4U10LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current, per IEC 61000-4-5
IPP
3.5
A
I/O to VSS, 8/20µs
Peak Pulse Power, per IEC 61000-4-5
PPP
20
W
I/O to VSS, 8/20µs
ESD Protection
– Contact Discharge, per IEC 61000-4-2
VESD_CONTACT
±8
kV
I/O to VSS
ESD Protection
– Air Discharge, per IEC 61000-4-2
VESD_AIR
±8
kV
I/O to VSS
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation Typical (Note 5)
PD
350
mW
Thermal Resistance, Junction to Ambient Typical (Note 5)
RJA
360
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
—
—
5
V
—
Reverse Current
IR
—
—
1
μA
VR = 5V, I/O to VSS
Reverse Breakdown Voltage
VBR
5.5
7.0
—
V
IR = 1mA, I/O to VSS
Forward Clamping Voltage
VF
-1.0
-0.85
—
V
IF = -15mA, I/O to VSS
Holding Reverse Voltage
VHOLD
—
1.19
—
V
I/O to VSS
Holding Reverse Current
IHOLD
—
90
—
mA
I/O to VSS
Reverse Clamping Voltage (Note 6)
VC
—
3
—
V
IPP = 3A, I/O to VSS, 8/20µs
Clamping Voltage (Note 7)
VC
—
6
—
V
TLP, 16A, tp = 100ns, I/O to VSS
Clamping Voltage (Note 7)
VC
—
4.5
—
V
TLP, -16A, tp = 100ns, I/O to VSS
Dynamic Reverse Resistance
RDIF-R
—
0.25
—
Ω
TLP, 10A, tp = 100ns, I/O to VSS
Dynamic Forward Resistance
RDIF-F
—
0.2
—
Ω
TLP, 10A, tp = 100ns, VSS to I/O
Channel Input Capacitance
CI/O
—
0.45
55
—
pF
VI/O = 0V, VSS = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on
Diodes Incorporated’s suggested pad layout, which can be found on our website at
http://www.diodes.com/package-outlines.html.
6. Clamping voltage value is based on an 8x20µs peak pulse current (IPP) waveform.
7. Clamping voltage value is based on an TLP model. TLP conditions: Z0=50Ω, tp = 100ns, averaging window; t1=70ns to t2=90ns.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com