Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D5V0M2B3LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0M2B3LP
Description  2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0M2B3LP Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0M2B3LP Datasheet HTML 1Page - Diodes Incorporated D5V0M2B3LP Datasheet HTML 2Page - Diodes Incorporated D5V0M2B3LP Datasheet HTML 3Page - Diodes Incorporated D5V0M2B3LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D5V0M2B3LP
Document number: DS37881 Rev. 2 - 2
3 of 4
www.diodes.com
February 2016
© Diodes Incorporated
D5V0M2B3LP
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
L3
L1
L2
e
b
D
E
A
z
b2
A1
Seating Plane
Pin #1 ID
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
C
Y1
X1
X
G2
Y
G1
X1-DFN1006-3
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0.00
0.05
0.03
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e


0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3


0.40
z
0.02
0.08
0.05
All Dimensions in mm
Dimensions Value (in mm)
c
0.70
G1
0.30
G2
0.20
X
0.40
X1
1.10
Y
0.25
Y1
0.70
0.1
0
1
2
3
4
5
6
V , REVERSE VOLTAGE (V)
R
Figure 4 Typical Reverse Characteristics
1
10
100
1,000
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
16
18
20
22
24
26
28
30
0
2
4
6
V , REVERSE VOLTAGE (V)
R
Figure 3 Typical Total Capacitance vs.
Reverse Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com