Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVSAWBCR9 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSAWBCR9
Description  White PLCC4 Surface Mount LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSAWBCR9 Datasheet(HTML) 1 Page - TT Electronics.

  OVSAWBCR9 Datasheet HTML 1Page - TT Electronics. OVSAWBCR9 Datasheet HTML 2Page - TT Electronics. OVSAWBCR9 Datasheet HTML 3Page - TT Electronics. OVSAWBCR9 Datasheet HTML 4Page - TT Electronics. OVSAWBCR9 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1
11/05
Page 1 of 5
White PLCC4 Surface Mount LED
(120°Viewing Angle)
OVSAWBCR9
x
High luminous intensity
x
High efficiency, 3-chip device
x
Emission color: x = 0.29, y = 0.30
x
Pb-free
The OVSAWBCR9 combines three die in a single package to provide high intensity light from a surface mount
package. Light output is optimized by an interior reflector and the wide viewing angle adds flexibility for
applications ranging from hand-held appliances to automotive interiors.
Applications
x
Backlighting of full color LCD
x
Automotive interior lighting
x
General lighting
x
Coupling into light guides
x
Entertainment equipment
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ.
OVSAWBCR9
InGaN
White
1900 mcd
Lens Color
Water Clear
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
1,3,4 CATHODE
2 ANODE
DIMENSIONS ARE IN INCHES AND [MILLIMETERS].


Similar Part No. - OVSAWBCR9

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSAWBCR9 OPTEK-OVSAWBCR9 Datasheet
1Mb / 5P
White PLCC4 Surface Mount LED
More results

Similar Description - OVSAWBCR9

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSAWBCR9 OPTEK-OVSAWBCR9 Datasheet
1Mb / 5P
White PLCC4 Surface Mount LED
OVSAWBCR4 OPTEK-OVSAWBCR4 Datasheet
509Kb / 6P
White PLCC4 Surface Mount LED
OVSAGBC2R8 OPTEK-OVSAGBC2R8 Datasheet
533Kb / 5P
Green PLCC4 Surface Mount LED
OVSAABC2R8 OPTEK-OVSAABC2R8 Datasheet
524Kb / 5P
Amber PLCC4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWBG-NFH0E AVAGO-ASMT-QWBG-NFH0E Datasheet
183Kb / 9P
0.5W Cool White Power PLCC4 Surface Mount LED
logo
TT Electronics.
OVSAABC2R8 TTELEC-OVSAABC2R8 Datasheet
354Kb / 4P
Amber PLCC4 Surface Mount LED
OVSABBC2R8 TTELEC-OVSABBC2R8 Datasheet
528Kb / 5P
Blue PLCC4 Surface Mount LED
OVSAGBC2R8 TTELEC-OVSAGBC2R8 Datasheet
195Kb / 4P
Green PLCC4 Surface Mount LED
OVSASBC2R8 TTELEC-OVSASBC2R8 Datasheet
356Kb / 4P
Red PLCC4 Surface Mount LED
OVSAWBCR4 TTELEC-OVSAWBCR4 Datasheet
390Kb / 6P
White PLCC4 Surface Mount LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com