Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVSAWBCR9 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSAWBCR9
Description  White PLCC4 Surface Mount LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSAWBCR9 Datasheet(HTML) 2 Page - TT Electronics.

  OVSAWBCR9 Datasheet HTML 1Page - TT Electronics. OVSAWBCR9 Datasheet HTML 2Page - TT Electronics. OVSAWBCR9 Datasheet HTML 3Page - TT Electronics. OVSAWBCR9 Datasheet HTML 4Page - TT Electronics. OVSAWBCR9 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .1 11/05
Page 2 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
White PLCC4 Surface Mount LED
OVSAWBCR9
Absolute Maximum Ratings
TA = 25o C (on metal core PCB1) unless otherwise noted
Electrical Characteristics
TA = 25o C (on metal core PCB1) unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity1
1045
1900
mcd
IF = 20 mA
VF
Forward Voltage2
----
3.5
4.0
V
IF = 20 mA
IR
Reverse Current2
----
----
50
µA
VR = 5 V
2 ½
50% Power Angle
----
120
----
deg
IF = 20 mA
x
Chromaticity Coordinates3
----
0.29
----
----
IF = 20 mA
y
----
0.30
----
----
IF = 20 mA
----
Notes:
1. When three LED die are operated simultaneously.
2. For each die.
3. The C.I.E. 1931 chromaticity diagram.
Rank
A0
B1
Chromaticity
Coordinates
x
0.280 0.264 0.283 0.296 0.287 0.283 0.330 0.330
y
0.248 0.267 0.305 0.276 0.295 0.305 0.360 0.339
Rank
B2
C0
Chromaticity
Coordinates
x
0.296 0.287 0.330 0.330 0.330 0.330 0.361 0.356
y
0.276 0.295 0.339 0.318 0.318 0.360 0.385 0.351
Standard Bins (IF = 20mA)
Lamps are sorted to luminous intensity (IV) and chromaticity coordinates (x, y) bins shown.
Orders for OVSAWBCR9 may be filled with any or all bins contained as below.
Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. Pb content <1000 PPM.
3. To designate luminous intensity ranks, please contact OPTEK.
4. Part is sensitive to static electricity and precautions must be used when handling products.
Storage Temperature Range
-40 ~ + 85°C
Operating Temperature Range
-40 ~ + 100°C
Soldering Temperature (5 second maximum)
260°C
Forward Current1
25 mA
Peak Forward Current (10% Duty Cycle, 1 KHz)1
100 mA
Reverse Voltage
5 V
Electrostatic Discharge
150 V
Power Dissipation
110 mW
Note:
1. Maximum forward current for each die.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com