Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2863520 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2863520
Description  IB IL 24 DI 16-NPN-PAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2863520 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2863520 Datasheet HTML 1Page - PHOENIX CONTACT 2863520 Datasheet HTML 2Page - PHOENIX CONTACT 2863520 Datasheet HTML 3Page - PHOENIX CONTACT 2863520 Datasheet HTML 4Page - PHOENIX CONTACT 2863520 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 8, 2011
Extract from the online
catalog
 
IB IL 24 DI 16-NPN-PAC
Order No.: 2863520
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2863520
 
 
Inline digital input terminal, complete with accessories (connector
and labeling field), Inline digital input terminal, without accessories,16
inputs with negative logic, 24 V DC, 2, 3-conductor connection system
 
Commercial data
GTIN (EAN)
4
017918
941208
sales group
K411
Pack
1 pcs.
Customs tariff
85389091
Catalog page information
Page 271 (AX-2009)
Product notes
WEEE/RoHS-compliant since:
08/29/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Width
48.8 mm
Height
140.5 mm
Depth
71.5 mm
Note on dimensions
Housing dimensions


Similar Part No. - 2863520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2863546 PHOENIX-2863546 Datasheet
175Kb / 5P
IB IL 24 DO 8-NPN-PAC
2863562 PHOENIX-2863562 Datasheet
141Kb / 5P
ILB PB 24 DI 8 DIO8
More results

Similar Description - 2863520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861221 PHOENIX-2861221 Datasheet
176Kb / 6P
IB IL 24 DI 2-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
IB IL 24 DI 8-PAC
2861250 PHOENIX-2861250 Datasheet
104Kb / 9P
Inline terminal - IB IL 24 DI 16-PAC
2861483 PHOENIX-2861483 Datasheet
167Kb / 6P
IB IL 24 DI 2-NPN-PAC
2861917 PHOENIX-2861917 Datasheet
154Kb / 6P
IB IL 120 DI 1-PAC
2862204 PHOENIX-2862204 Datasheet
174Kb / 6P
IB IL 24 DI 8/T2-PAC
2862835 PHOENIX-2862835 Datasheet
189Kb / 6P
IB IL 24 DI 32/HD-PAC
2862958 PHOENIX-2862958 Datasheet
190Kb / 6P
The illustration shows the version IB IL 24 DI 16-PAC
2897156 PHOENIX-2897156 Datasheet
91Kb / 4P
IB IL 24 DI 16-ME
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com