Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2863520 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2863520
Description  IB IL 24 DI 16-NPN-PAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2863520 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2863520 Datasheet HTML 1Page - PHOENIX CONTACT 2863520 Datasheet HTML 2Page - PHOENIX CONTACT 2863520 Datasheet HTML 3Page - PHOENIX CONTACT 2863520 Datasheet HTML 4Page - PHOENIX CONTACT 2863520 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IB IL 24 DI 16-NPN-PAC Order No.: 2863520
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2863520
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 8, 2011
Weight
122 g
Note on weight specifications
Without plug
Mounting type
DIN rail
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (according to DIN EN 61131-2)
Permissible humidity (storage/transport)
10 % ... 95 % (according to DIN EN 61131-2)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Test section
5 V supply incoming remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
5 V supply outgoing remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
7.5 V supply (bus logics)/24 V supply (I/O) 500 V AC 50 Hz 1 min
24 V supply (I/O) / functional earth ground 500 V AC 50 Hz 1 min
Interface
Name
Local bus
Type of connection
Inline data jumper
Transmission speed
500 kBaud
Power supply for module electronics
Supply voltage
24 V DC (via voltage jumper)
Supply voltage range
19.2 V DC ... 30 V DC (including all tolerances, including ripple)
Supply current
60 mA
Communications power UL
7.5 V (via voltage jumper)
Current consumption
max. 60 mA (from the local bus)
Inline potential routing
Communications power UL
7.5 V DC
Current consumption from UL
max. 60 mA
Segment supply voltage US
24 V DC (nominal value)
Current consumption from US
max. 4 A
Digital inputs
Input name
Digital inputs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com