Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8019 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8019
Description  3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8019 Datasheet HTML 1Page - Diodes Incorporated PAM8019 Datasheet HTML 2Page - Diodes Incorporated PAM8019 Datasheet HTML 3Page - Diodes Incorporated PAM8019 Datasheet HTML 4Page - Diodes Incorporated PAM8019 Datasheet HTML 5Page - Diodes Incorporated PAM8019 Datasheet HTML 6Page - Diodes Incorporated PAM8019 Datasheet HTML 7Page - Diodes Incorporated PAM8019 Datasheet HTML 8Page - Diodes Incorporated PAM8019 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PAM8019
Document number: DS38822 Rev. 1 - 2
4 of 12
www.diodes.com
May 2016
© Diodes Incorporated
PAM8019
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage VDD
-0.3 to 6.0
V
VIN
Input Voltage LIN, RIN, SD, Mute, HP/S
-0.3 to VDD + 0.3
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature Range
- 65 to +150
TSDR
Maximum Soldering Temperature Range, 5 Seconds
+300
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Max
Unit
VDD
Supply Voltage Range
2.8 to 5.5
V
VIH
High Level Threshold Voltage
SD, MUTE
2 to VDD
V
HP/
S
0.8 x VDD to VDD
V
VIL
Low Level Threshold Voltage
SD, MUTE
0 to 0.8
V
HP/
S
0 to 1.0
V
VICM
Common Mode Input Voltage
1 to VDD - 1
V
TA
Ambient Operation Temperature Range
-40 to +85
°C
TJ
Junction Temperature Range
-40 to +125
Thermal Information (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Typical Value
Unit
θJA
Thermal Resistance
– Junction to Ambient
QFN4040-20
45
°C/W
θJC
Ambient Operation Temperature Range
QFN4040-20
7
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com