Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8019 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8019
Description  3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8019 Datasheet HTML 1Page - Diodes Incorporated PAM8019 Datasheet HTML 2Page - Diodes Incorporated PAM8019 Datasheet HTML 3Page - Diodes Incorporated PAM8019 Datasheet HTML 4Page - Diodes Incorporated PAM8019 Datasheet HTML 5Page - Diodes Incorporated PAM8019 Datasheet HTML 6Page - Diodes Incorporated PAM8019 Datasheet HTML 7Page - Diodes Incorporated PAM8019 Datasheet HTML 8Page - Diodes Incorporated PAM8019 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PAM8019
Document number: DS38822 Rev. 1 - 2
3 of 12
www.diodes.com
May 2016
© Diodes Incorporated
PAM8019
Pin Descriptions
Pin Number
Name
Function
3
SD
Full Chip Shutdown Control Input (Active Low)
4
Bypass
Bias Voltage for Power Amplifier
5
RIN
Negative Input of Right Channel Power Amplifier
6, 18
GND
Ground Connection
7
LIN
Negative Input of Left Channel Power Amplifier
8
Volume
Internal Gain Setting Input
Connect to VDD which Set Max. Gain = +20dB
9
Mute
Mute Control Signal Input (Active High)
10
HP/
S
Output Mode Control Input
High for Headphone Mode and Low for Speaker Mode
11
PL
Power limit reference voltage, see applications section for further details
12
UVP
Under Voltage Protection Input
See applications section for further details
13,16,20
VDD
Supply Voltage
14
HPLOUT
Headphone - Left Channel Output
2
HPROUT
Headphone - Right Channel Output
15
LOUTN
Power Amplifier - Left Channel Negative Output
17
LOUTP
Power Amplifier - Left Channel Positive Output
19
ROUTP
Power Amplifier - Right Channel Negative Output
1
ROUTN
Power Amplifier - Right Channel Positive Output
PAD
GND
Connect to ground (recommended) or No Connect.
Functional Block Diagram
Gate
Driver
Gate
Driver
OSC.
Shut Down
Bias and
Vref
LIN
RIN
VDD
LOUTP
LOUTN
-
+
Volume
Control
PWM Modulator
Gate
Driver
Gate
Driver
ROUTP
ROUTN
Volume
Control
PWM Modulator
Short Crt.
Protect
UVLO
Over Temp.
Protection
Mute
Power
Limit
Bypass
Volume
Control
-
+
Controller
HP/Spk
Controller
HPLOUT HPROUT
Mute
PL
Bypass
Volume
SD
HP/SPK
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com