Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL64LM10 Datasheet(PDF) 41 Page - SPANSION

Part # MBM29PL64LM10
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10 Datasheet(HTML) 41 Page - SPANSION

Back Button MBM29PL64LM10 Datasheet HTML 37Page - SPANSION MBM29PL64LM10 Datasheet HTML 38Page - SPANSION MBM29PL64LM10 Datasheet HTML 39Page - SPANSION MBM29PL64LM10 Datasheet HTML 40Page - SPANSION MBM29PL64LM10 Datasheet HTML 41Page - SPANSION MBM29PL64LM10 Datasheet HTML 42Page - SPANSION MBM29PL64LM10 Datasheet HTML 43Page - SPANSION MBM29PL64LM10 Datasheet HTML 44Page - SPANSION MBM29PL64LM10 Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
MBM29PL64LM90/10
40
(Continued)
*1 : This does not include the preprogramming time.
*2 : This timing is for Sector Group Protection operation.
*3 : This timing is for Accelerated Program operation.
Parameter
Symbol
Value
Unit
90
10
JEDEC
Standard
Min
Typ
Max
Min
Typ
Max
Write Pulse Width *2
—tWPP
100

100

µs
OE Setup Time to WE Active *2
—tOESP
4

4

µs
CE Setup Time to WE Active *2
—tCSP
4

4

µs
RESET Pulse Width
—
tRP
500

500

ns
RESET High Time Before Read
—
tRH
100

100

ns
Delay Time from Embedded Output
Enable
—tEOE

90

100
ns
Erase Time-out Time
—
tTOW
50

50

µs
Erase Suspend Transition Time
—
tSPD

20

20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com