Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL64LM10 Datasheet(PDF) 22 Page - SPANSION

Part # MBM29PL64LM10
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10 Datasheet(HTML) 22 Page - SPANSION

Back Button MBM29PL64LM10 Datasheet HTML 18Page - SPANSION MBM29PL64LM10 Datasheet HTML 19Page - SPANSION MBM29PL64LM10 Datasheet HTML 20Page - SPANSION MBM29PL64LM10 Datasheet HTML 21Page - SPANSION MBM29PL64LM10 Datasheet HTML 22Page - SPANSION MBM29PL64LM10 Datasheet HTML 23Page - SPANSION MBM29PL64LM10 Datasheet HTML 24Page - SPANSION MBM29PL64LM10 Datasheet HTML 25Page - SPANSION MBM29PL64LM10 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
MBM29PL64LM90/10
21
Page Mode Read
The device is capable of fast read access for random locations within limited address location called Page. The
Page size of the device is 8 bytes / 4 words, within the appropriate Page being selected by the higher address
bits A21 to A2 and the address bits A1 to A0 in Word mode ( A1 to A-1 in Byte mode) determining the specific word
within that page. This is an asynchronous operation with the microprocessor supplying the specific word location.
The initial page access is equal to the random access (tACC) and subsequent Page read access (as long as the
locations specified by the microprocessor fall within that Page) is equivalent to the page address access
time(tPACC). Here again, CE selects the device and OE is the output control and should be used to gate data to
the output pins if the device is selected. Fast Page mode, accesses are obtained by keeping A20 to A2 constant
and changing A1 and A0 in Word mode ( A1 to A-1 in Byte mode ) to select the specific word within that Page.
Output Disable
With the OE input at logic high level (VIH), output from the devices are disabled. This may cause the output pins
to be in a high impedance state.
Write
Device erasure and programming are accomplished via the command register. The contents of the register serve
as inputs to the internal state machine. The state machine outputs dictate the device function.
The command register itself does not occupy any addressable memory location. The register is a latch used to
store the commands, along with the address and data information needed to execute the command. The com-
mand register is written by bringing WE to VIL, while CE is at VIL and OE is at VIH. Addresses are latched on the
falling edge of WE or CE, whichever starts later; while data is latched on the rising edge of WE or CE, whichever
starts first. Standard microprocessor write timings are used.
Refer to AC Write Characteristics and the Erase/Programming Waveforms for specific timing parameters.
Sector Group Protection
The device features hardware sector group protection. This feature will disable both program and erase opera-
tions in any combination of 38 sector groups of memory.See “Sector Group Address Table (MBM29PL64LM)”
in sDEVICE BUS OPERATION. The user‘s side can use the sector group protection using programming equip-
ment. The device is shipped with all sector groups that are unprotected.
To activate it, the programming equipment must force VID on address pin A9 and control pin OE, CE = VIL and
A6 = A3 = A2 = A0 = VIL, A1 = VIH. The sector group addresses (A21, A20, A19, A18, A17, A16, and A15) should be set
to the sector to be protected. “Sector Address Table (MBM29PL64LM)” in sDEVICE BUS OPERATION defines
the sector address for each of the seventy-one (71) individual sectors, and “Sector Group Address Table
(MBM29PL64LM)” in sDEVICE BUS OPERATION defines the sector group address for each of the twenty-four
(24) individual group sectors. Programming of the protection circuitry begins on the falling edge of the WE pulse
and is terminated with the rising edge of the same. Sector group addresses must be held constant during the
WE pulse. See “Sector Group Protection Timing Diagram” in sTIMING DIAGRAM and “Sector Group Protection
Algorithm” in sFLOW CHART for sector group protection timing diagram and algorithm.
To verify programming of the protection circuitry, the programming equipment must force VID on address pin A9
with CE and OE at VIL and WE at VIH. Scanning the sector group addresses (A21, A20, A19, A18, A17, A16, and A15)
while (A6, A3, A2, A1, A0) = (0, 0, 0, 1, 0) will produce a logical “1” code at device output DQ0 for a protected sector.
Otherwise the device will produce “0” for unprotected sectors. In this mode, the lower order addresses, except
for A0, A1, A2, A3, and A6 can be either High or Low. A-1 requires applying to VIL on Byte mode.
Where the higher order addresses(A21, A20, A19, A18, A17, A16, and A15) are the desired sector group address will
produce a logical “1” at DQ0 for a protected sector group. See “Sector Group Protection Verify Autoselect Codes”
in sDEVICE BUS OPERATION for Autoselect codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com