Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AL032D Datasheet(PDF) 32 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 32 Page - SPANSION

Back Button S29AL032D Datasheet HTML 28Page - SPANSION S29AL032D Datasheet HTML 29Page - SPANSION S29AL032D Datasheet HTML 30Page - SPANSION S29AL032D Datasheet HTML 31Page - SPANSION S29AL032D Datasheet HTML 32Page - SPANSION S29AL032D Datasheet HTML 33Page - SPANSION S29AL032D Datasheet HTML 34Page - SPANSION S29AL032D Datasheet HTML 35Page - SPANSION S29AL032D Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
30
S29AL032D
S29AL032D_00_A3 June 13, 2005
Advan ce
In form ati o n
Table 14. Device Geometry Definition
Addresses
Addresses
(Models 03, 04
Byte Mode
Only)
Data
Description
27h
4Eh
0016h
Device Size = 2N byte
28h
29h
50h
52h
000xh
0000h
Flash Device Interface description (refer to CFI publication 100)
(0 = Model 00, 2 = Models 03, 04)
2Ah
2Bh
54h
56h
0000h
0000h
Max. number of byte in multi-byte write = 2N
(00h = not supported)
2Ch
58h
000xh
Number of Erase Block Regions within device
(1 = Model 00, 2 = Models 03, 04)
2Dh
2Eh
2Fh
30h
5Ah
5Ch
5Eh
60h
00xxh
0000h
00x0h
000xh
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
(003F, 0000, 0000, 0001) = Model 00
(0007, 0000, 0020, 0000) = Models 03, 04
31h
32h
33h
34h
62h
64h
66h
68h
00xxh
0000h
0020h
000xh
Erase Block Region 2 Information
(0000, 0000, 0000, 0000) = Model 00
(003E, 0000, 0000, 0001) = Models 03, 04
35h
36h
37h
38h
6Ah
6Ch
6Eh
70h
0000h
0000h
0000h
0000h
Erase Block Region 3 Information
39h
3Ah
3Bh
3Ch
72h
74h
76h
78h
0000h
0000h
0000h
0000h
Erase Block Region 4 Information
Table 15. Primary Vendor-Specific Extended Query (Sheet 1 of 2)
Addresses
Addresses
(Models 03, 04
Byte Mode
Only)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII
44h
88h
0031h
Minor version number, ASCII
45h
8Ah
000xh
Address Sensitive Unlock
0 = Required (Models 03, 04), 1 = Not Required (Model 00)
46h
8Ch
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
8Eh
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com