Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AL032D Datasheet(PDF) 38 Page - SPANSION

Part # S29AL032D
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D Datasheet(HTML) 38 Page - SPANSION

Back Button S29AL032D Datasheet HTML 34Page - SPANSION S29AL032D Datasheet HTML 35Page - SPANSION S29AL032D Datasheet HTML 36Page - SPANSION S29AL032D Datasheet HTML 37Page - SPANSION S29AL032D Datasheet HTML 38Page - SPANSION S29AL032D Datasheet HTML 39Page - SPANSION S29AL032D Datasheet HTML 40Page - SPANSION S29AL032D Datasheet HTML 41Page - SPANSION S29AL032D Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
36
S29AL032D
S29AL032D_00_A3 June 13, 2005
Advan ce
In form ati o n
within erase-suspended sectors produces status data on DQ7–DQ0. The system can use DQ7, or
DQ6 and DQ2 together, to determine if a sector is actively erasing or is erase-suspended. See
Write Operation Status on page 39 for information on these status bits.
After an erase-suspended program operation is complete, the system can once again read array
data within non-suspended sectors. The system can determine the status of the program opera-
tion using the DQ7 or DQ6 status bits, just as in the standard program operation. See Write
Operation Status on page 39 for more information.
The system may also write the autoselect command sequence when the device is in the Erase
Suspend mode. The device allows reading autoselect codes even at addresses within erasing sec-
tors, since the codes are not stored in the memory array. When the device exits the autoselect
mode, the device reverts to the Erase Suspend mode, and is ready for another valid operation.
See Autoselect Command Sequence on page 32 for more information.
The system must write the Erase Resume command (address bits are don’t care) to exit the erase
suspend mode and continue the sector erase operation. Further writes of the Resume command
are ignored. Another Erase Suspend command can be written after the device has resumed
erasing.
Notes:
1. See Table 17 for erase command sequence.
2. See DQ3: Sector Erase Timer on page 44 for more information.
Figure 5. Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com