Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 48 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 48 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 44Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 45Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 46Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 47Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 48Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 49Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 50Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 51Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 149 page
background image
48
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip erase command sequence is ini-
tiated by writing two unlock cycles, followed by a set-up command. Two
additional unlock write cycles are then followed by the chip erase command,
which in turn invokes the Embedded Erase algorithm. The device does not require
the system to preprogram prior to erase. The Embedded Erase algorithm auto-
matically preprograms and verifies the entire memory for an all zero data pattern
prior to electrical erase. The system is not required to provide any controls or tim-
ings during these operations. Table 12 shows the address and data requirements
for the chip erase command sequence.
When the Embedded Erase algorithm is complete, that bank returns to the read
mode and addresses are no longer latched. The system can determine the status
of the erase operation by using DQ7, DQ6, DQ2, or RY/BY#. Refer to “Write Op-
eration Status” on page 56 for information on these status bits.
Any commands written during the chip erase operation are ignored. Note that Se-
cured Silicon Sector, autoselect, and CFI functions are unavailable when a
[program/erase] operation is in progress. However, note that a hardware reset
immediately terminates the erase operation. If that occurs, the chip erase com-
mand sequence should be reinitiated once that bank has returned to reading
array data, to ensure data integrity.
Figure 5 illustrates the algorithm for the erase operation. See the Erase/Program
Operations tables in AC Characteristics for parameters, and Figure 16 for timing
diagrams.
Note: See Table 12 for program command sequence.
Figure 4. Program Operation
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com