Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 64 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 64 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 60Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 61Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 62Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 63Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 64Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 65Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 66Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 67Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 68Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 149 page
background image
64
S29PL129J for MCP
S29PL129J_MCP_00_A0 June 4, 2004
Advance
Info rmation
DC Characteristics
Notes:
1. The ICC current listed is typically less than 5 mA/MHz, with OE# at VIH.
2. Maximum ICC specifications are tested with VCC = VCCmax.
3. ICC active while Embedded Erase or Embedded Program is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns. Typical sleep
mode current is 1 mA.
5. Not 100% tested.
6. In S29PL129J there are two CE# (CE1#, CE2#).
7. Valid CE1#/CE2# conditions: (CE1# = VIL, CE2# = VIH,) or (CE1# = VIH, CE2# = VIL) or (CE1# = VIH, CE2# = VIH)
Table 15. CMOS Compatible
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9, OE#, RESET# Input Load Current
VCC = VCC max; VID= 12.5 V
35
µA
ILR
Reset Leakage Current
VCC = VCC max; VID= 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, OE# = VIH
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current (Notes 1, 2)
OE# = VIH, VCC = VCC max
(Note 1)
5 MHz
20
30
mA
10 MHz
45
55
ICC2
VCC Active Write Current (Notes 2, 3)
OE# = VIH, WE# = VIL
15
25
mA
ICC3
VCC Standby Current (Note 2)
CE#, RESET#, WP#/ACC
= VIO ± 0.3 V
0.2
5
µA
ICC4
VCC Reset Current (Note 2)
RESET# = VSS ± 0.3 V
0.2
5
µA
ICC5
Automatic Sleep Mode (Notes 2, 4)
VIH = VIO ± 0.3 V;
VIL = VSS ± 0.3 V
0.2
5
µA
ICC6
VCC Active Read-While-Program Current
(Notes 1, 2)
OE# = VIH,
5 MHz
21
45
mA
10 MHz
46
70
ICC7
VCC Active Read-While-Erase Current
(Notes 1, 2)
OE# = VIH,
5 MHz
21
45
mA
10 MHz
46
70
ICC8
VCC Active Program-While-Erase-
Suspended Current (Notes 2, 5)
OE# = VIH
17
25
mA
ICC9
VCC Active Page Read Current (Note 2)
OE# = VIH, 8 word Page Read
10
15
mA
VIL
Input Low Voltage
VIO = 2.7–3.6 V
–0.5
0.8
V
VIH
Input High Voltage
VIO = 2.7–3.6 V
2.0
VCC+0.3
V
VHH
Voltage for ACC Program Acceleration
VCC = 3.0 V ± 10%
8.5
9.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 3.0 V ± 10%
11.5
12.5
V
VOL
Output Low Voltage
IOL = 2.0 mA, VCC = VCC min, VIO = 2.7–3.6
V
0.4
V
VOH
Output High Voltage
IOH = –2.0 mA, VCC = VCC min, VIO = 2.7–3.6
V
2.4
V
VLKO
Low VCC Lock-Out Voltage (Note 5)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com