Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL129JC0BAW9P2 Datasheet(PDF) 102 Page - SPANSION

Part # S71PL129JC0BAW9P2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9P2 Datasheet(HTML) 102 Page - SPANSION

Back Button S71PL129JC0BAW9P2 Datasheet HTML 98Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 99Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 100Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 101Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 102Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 103Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 104Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 105Page - SPANSION S71PL129JC0BAW9P2 Datasheet HTML 106Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 149 page
background image
102
pSRAM Type 1
pSRAM_Type01_12_A1 August 30, 2004
Advance
Info rmation
AC Characteristics
(16Mb pSRAM Page Mode)
Page Mode
Performance Grade
-60
-65
-70
Density
16Mb pSRAM
16Mb pSRAM
16Mb pSRAM
3 Volt
Symbol
Parameter
Min
Max
Units
Min
Max
Units
Min
Max
Units
trc
Read cycle time
60
20k
ns
65
20k
ns
70
20k
ns
taa
Address Access
Time
60
ns
65
ns
70
ns
tco
Chip select to
output
60
ns
65
ns
70
ns
toe
Output enable to
valid output
25
ns
25
ns
25
ns
tba
UB#, LB# Access
time
60
ns
65
ns
70
ns
tlz
Chip select to
Low-z output
10
ns
10
ns
10
ns
tblz
UB#, LB# Enable
to Low-Z output
10
ns
10
ns
10
ns
tolz
Output enable to
Low-Z output
5ns
5
ns
5
ns
thz
Chip enable to
High-Z output
05
ns
05
ns
05
ns
tbhz
UB#, LB#
disable to High-Z
output
05
ns
05
ns
05
ns
tohz
Output disable to
High-Z output
05
ns
05
ns
05
ns
toh
Output hold from
Address Change
5ns
5
ns
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com