Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3F49DAX Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S3F49DAX
Description  MultiMediaCard Controllers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F49DAX Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S3F49DAX Datasheet HTML 9Page - Samsung semiconductor S3F49DAX Datasheet HTML 10Page - Samsung semiconductor S3F49DAX Datasheet HTML 11Page - Samsung semiconductor S3F49DAX Datasheet HTML 12Page - Samsung semiconductor S3F49DAX Datasheet HTML 13Page - Samsung semiconductor S3F49DAX Datasheet HTML 14Page - Samsung semiconductor S3F49DAX Datasheet HTML 15Page - Samsung semiconductor S3F49DAX Datasheet HTML 16Page - Samsung semiconductor S3F49DAX Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
MULTIMEDIACARD CONTROLLER
S3C49DAX
12
SPI MODE
The SPI mode consists of a secondary, optional communication protocol which is offered by Flash-based
MultiMediaCards. This mode is a subset of the MultiMediaCard protocol, designed to communicate with a SPI
channel, commonly found in Motorola’s (and lately a few other vendors’) microcontrollers. The interface is selected
during the first reset command after power up (CMD0) and cannot be changed once the part is powered on.
The SPI standard defines the physical link only, and not the complete data transfer protocol. The MultiMediaCard
SPI implementation uses a subset of the MultiMediaCard protocol and command set. It is intended to be used by
systems which require a small number of cards (typically one) and have lower data transfer rates (compared to
MultiMediaCard protocol based systems). From the application point of view, the advantage of the SPI mode is the
capability of using an off-the-shelf host, hence reducing the design-in effort to minimum.
The MultiMediaCard SPI interface is compatible with SPI hosts available on the market. As in any other SPI device,
the MultiMediaCard SPI channel consists of the following four signals:
•
CS:
Host to card Chip Select signal.
•
CLK:
Host to card clock signal
•
DataIn:
Host to card data signal.
•
DataOut:
Card to host data signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com