Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3F49DAX Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3F49DAX
Description  MultiMediaCard Controllers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F49DAX Datasheet(HTML) 2 Page - Samsung semiconductor

  S3F49DAX Datasheet HTML 1Page - Samsung semiconductor S3F49DAX Datasheet HTML 2Page - Samsung semiconductor S3F49DAX Datasheet HTML 3Page - Samsung semiconductor S3F49DAX Datasheet HTML 4Page - Samsung semiconductor S3F49DAX Datasheet HTML 5Page - Samsung semiconductor S3F49DAX Datasheet HTML 6Page - Samsung semiconductor S3F49DAX Datasheet HTML 7Page - Samsung semiconductor S3F49DAX Datasheet HTML 8Page - Samsung semiconductor S3F49DAX Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
S3F49DAX
MULTIMEDIACARD CONTROLLER
1
PRODUCT OVERVIEW
S3F49DAX 16/32-bit RISC microprocessor would be designed to provide a cost-effective, low power, small die size
and high performance micro-controller solution for Low voltage MMC (MultiMediaCard). To reduce total system cost,
S3F49DAX also provides the followings: 16K Byte SRAM, 48K Byte Internal NOR Flash memory, NAND Flash
controller, interrupt controller, 2-channel DMA (Direct Memory Access), 3-channel Timer and Analog block including
IVC (Internal Voltage Converter), POR (Power-On Reset) and RCOSC (RC Oscillator).
S3F49DAX microprocessor would be developed using an ARM7TDMI-S core, 0.18um CMOS standard cells housed
in 64UELP package. And S3F49DAX adopts the new bus architecture, AMBA 2.0 (Advanced Micro-controller Bus
Architecture).
The integrated on-chip functions that are described in this document include:
•
Compliant with MMC (MultiMediaCard) system specification version 3.3
•
Built in internal memory: 48K Byte NOR Flash for program, 16K Byte SRAM for data buffer and stack
•
Integrated NAND Flash memory controller
•
Built in ECC (Error Correction Code) Engine.
•
Two-channel DMA (Direct Memory Access)
•
Three-channel Timer and one-channel UART with interrupt-based operation
•
Interrupt controller: 21 interrupt sources
•
Power control: Normal, Slow and Standby mode
•
Built in analog function block: POR (Power-On Reset), RCOSC (RC Oscillator) and IVC (Internal Voltage
Converter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com