Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EAPLRBA4 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # EAPLRBA4
Description  Photolink- Fiber Optic Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLRBA4 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button EAPLRBA4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Package Dimension
1
0.65±0.10
8.76±0.40
6.14±0.30
2.35±0.15
3-0.5
2.54±0.30
2.54±0.30
13.50±0.30
9.70±0.30
3.85±0.50
10.00±0.30
4.35±0.30
5.65±0.30
0.40±0.10
Notes:
1.All dimensions are in millimeters.
Pin Function:
1.Vcc
4.NC
2.General Tolerance :±0.3mm
2.GND
5.NC
3.Vout
PCB Layout for Electrical Circuit
Notice:
1. Unit:mm
2. PCB tolerance:1.6mm
DATASHEET
Photolink- Fiber Optic Receiver
EAPLRBA4
Page 7 of 10
Rev. 0.02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com