Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EAPLRBA4 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EAPLRBA4
Description  Photolink- Fiber Optic Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLRBA4 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EAPLRBA4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAPLRBA4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Photolink- Fiber Optic Receiver
EAPLRBA4
Features
High PD sensitivity optimized for red light
Data : NRZ signal
Low power consumption for extended battery life
Built-in threshold control for improved noise Margin
Receiver sensitivity: up to –27dBm (Min. for 25Mbps)
The product itself will remain within RoHS compliant version.
Compliance with EU REACH
Compilance Halogen Free(Br<900ppm,Cl<900ppm,Br+Cl<1500ppm)
Description
The optical receiver is packaged with custom optic data link interface, integrated
on a proprietary CMOS PDIC process.
The unit functions by converting optical signals into electric ones.
The unit is operated at 2.4 ~ 5.5 V and the signal output interface is TTL
compatible with high performance at low power consumption.
Applications
Digital Optical Data-Link
Dolby AC-3 Digital Audio Interface
HDMI Digital (192kHz) Audio Interface
Page 1 of 10
Rev. 0.02


Similar Part No. - EAPLRBA4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPLRBA0 EVERLIGHT-EAPLRBA0 Datasheet
521Kb / 8P
Photolink- Fiber Optic Receiver
EAPLRBA1 EVERLIGHT-EAPLRBA1 Datasheet
504Kb / 8P
Photolink- Fiber Optic Receiver
EAPLRBA2 EVERLIGHT-EAPLRBA2 Datasheet
514Kb / 8P
Photolink- Fiber Optic Receiver
08.13.2012
More results

Similar Description - EAPLRBA4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLR135-T2 EVERLIGHT-PLR135-T2 Datasheet
155Kb / 7P
Photolink - Fiber Optic Receiver
PLR135-T5P EVERLIGHT-PLR135-T5P Datasheet
136Kb / 8P
Photolink- Fiber Optic Receiver
PLR135-T6 EVERLIGHT-PLR135-T6 Datasheet
396Kb / 8P
Photolink- Fiber Optic Receiver
PLR135-T8 EVERLIGHT-PLR135-T8 Datasheet
168Kb / 8P
Photolink- Fiber Optic Receiver
EAPLRAA0 EVERLIGHT-EAPLRAA0 Datasheet
434Kb / 8P
Photolink- Fiber Optic Receiver
05.29.2013
EAPLRAA1 EVERLIGHT-EAPLRAA1 Datasheet
422Kb / 8P
Photolink- Fiber Optic Receiver
EAPLRAA5 EVERLIGHT-EAPLRAA5 Datasheet
522Kb / 8P
Photolink- Fiber Optic Receiver
EAPLRBA1 EVERLIGHT-EAPLRBA1 Datasheet
504Kb / 8P
Photolink- Fiber Optic Receiver
EAPLTAA5 EVERLIGHT-EAPLTAA5 Datasheet
436Kb / 6P
Photolink- Fiber Optic Receiver
05.28.2013
EAPLTBA3 EVERLIGHT-EAPLTBA3 Datasheet
431Kb / 6P
Photolink- Fiber Optic Receiver
09.01.2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com