Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITB10WB1200TMH Datasheet(PDF) 1 Page - IXYS Corporation

Part # MITB10WB1200TMH
Description  Converter - Brake - Inverter Module Low Loss Trench IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MITB10WB1200TMH Datasheet(HTML) 1 Page - IXYS Corporation

  MITB10WB1200TMH Datasheet HTML 1Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 2Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 3Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 4Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 5Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 6Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 7Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2010 IXYS All rights reserved
1 - 8
20100906b
MITB10WB1200TMH
IXYS reserves the right to change limits, test conditions and dimensions.
Advanced Technical Information
Converter - Brake - Inverter
Module
Low Loss Trench IGBT
Three Phase
Rectifier
Brake
Chopper
Three Phase
Inverter
V
RRM
= 1600 V V
CES = 1200 V
V
CES = 1200 V
I
DAVM25 =
90 A I
C25
= 17 A I
C25
= 17 A
I
FSM
= 300 A V
CE(sat) = 1.9 V VCE(sat) = 1.9 V
Pin configuration see outlines.
Features:
• High level of integration - only one
power semiconductor module required
for the whole drive
• Inverter with low loss Trench IGBTs
- very low saturation voltage
- positive temperature coefficient
- short tail current
• Epitaxial free wheeling diodes with
hiperfast soft reverse recovery
• Temperature sense included
Application:
• AC motor drives
• Pumps, Fans
• Washing machines
• Air-conditioning system
• Inverter and power supplies
Package:
• "Mini" package
• Assembly height is 17 mm
• Insulated base plate
• Pins suitable for wave soldering and
PCB mounting
• Assembly clips available
- IXKU 5-505 screw clamp
- IXRB 5-506 click clamp
• UL registered E72873
Part name (Marking on product)
MITB10WB1200TMH
E72873
G1
G3
G5
G2
G4
G6
U
V
W
NTC1
L1
L2
L3
N
EU
EV
EW
P P1
B
NB
D8
D12
D9
D13
D7
T7
NTC2
GB
D1
D3
D5
D2
D4
D6
T1
T3
T5
T2
T4
T6
D10
D11


Similar Part No. - MITB10WB1200TMH

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MITB15WB1200TMH IXYS-MITB15WB1200TMH Datasheet
203Kb / 8P
Converter - Brake - Inverter Module Low Loss Trench IGBT
More results

Similar Description - MITB10WB1200TMH

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW50-17T8 IXYS-MUBW50-17T8 Datasheet
285Kb / 8P
Converter - Brake - Inverter Module with Trench IGBT technology
MUBW25-12T7 IXYS-MUBW25-12T7 Datasheet
96Kb / 4P
Converter - Brake - Inverter Module with Trench IGBT technology
MIAA10WE600TMH IXYS-MIAA10WE600TMH Datasheet
269Kb / 8P
Converter - Brake - Inverter Module NPT IGBT
MIAA20WB600TMH IXYS-MIAA20WB600TMH Datasheet
235Kb / 8P
Converter - Brake - Inverter Module NPT IGBT
MITA15WB1200TMH IXYS-MITA15WB1200TMH Datasheet
158Kb / 4P
Converter - Brake - Inverter Module Trench IGBT
MITB15WB1200TMH IXYS-MITB15WB1200TMH Datasheet
203Kb / 8P
Converter - Brake - Inverter Module Low Loss Trench IGBT
MUBW15-12T7 IXYS-MUBW15-12T7 Datasheet
96Kb / 4P
Converter - Brake - Inverter Module with Trench IGBT technology
MUBW50-12T8 IXYS-MUBW50-12T8 Datasheet
248Kb / 7P
Converter - Brake - Inverter Module with Trench IGBT technology
MUBW75-12T8 IXYS-MUBW75-12T8 Datasheet
265Kb / 7P
Converter - Brake - Inverter Module with Trench IGBT technology
MUBW75-17T8 IXYS-MUBW75-17T8 Datasheet
329Kb / 8P
Converter - Brake - Inverter Module with Trench IGBT technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com