Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITB10WB1200TMH Datasheet(PDF) 4 Page - IXYS Corporation

Part # MITB10WB1200TMH
Description  Converter - Brake - Inverter Module Low Loss Trench IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MITB10WB1200TMH Datasheet(HTML) 4 Page - IXYS Corporation

  MITB10WB1200TMH Datasheet HTML 1Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 2Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 3Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 4Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 5Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 6Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 7Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2010 IXYS All rights reserved
4 - 8
20100906b
MITB10WB1200TMH
IXYS reserves the right to change limits, test conditions and dimensions.
Advanced Technical Information
Input Rectifier Bridge D8 - D11
Ratings
Symbol
Definitions
Conditions
min.
typ. max.
Unit
V
RRM
max. repetitive reverse voltage
T
VJ =
25°C
1600
V
I
FAV
I
DAVM
average forward current
max. average DC output current
sine 180°
T
C =
80°C
rect.; d = 1/
3
T
C =
80°C
22
61
A
A
I
FSM
max. forward surge current
t = 10 ms; sine 50 Hz
T
VJ =
25°C
T
VJ = 125°C
300
tbd
A
A
I2t
I2t value for fusing
t = 10 ms; sine 50 Hz
T
VJ =
25°C
T
VJ = 125°C
450
tbd
A2s
A2s
P
tot
total power dissipation
T
C =
25°C
50
W
V
F
forward voltage
I
F = 30 A
T
VJ =
25°C
T
VJ = 125°C
1.35
1.35
1.6
V
V
I
R
reverse current
V
R = VRRM
T
VJ =
25°C
T
VJ = 125°C
0.3
0.01
mA
mA
R
thJC
R
thCH
thermal resistance junction to case
thermal resistance case to heatsink
(per diode)
(per diode)
0.7
2.1
K/W
K/W
Temperature Sensor NTC
Ratings
Symbol
Definitions
Conditions
min.
typ. max.
Unit
R
25
B
25/50
resistance
T
C =
25°C
4.75
5.0
3375
5.25
k
W
K
Module
Ratings
Symbol
Definitions
Conditions
min.
typ. max.
Unit
T
VJ
T
VJM
T
stg
operating temperature
max. virtual junction temperature
storage temperature
-40
-40
125
150
125
°C
°C
°C
V
ISOL
isolation voltage
I
ISOL < 1 mA; 50/60 Hz
2500
V~
CTI
comparative tracking index
-
F
C
mounting force
40
80
N
d
S
d
A
creep distance on surface
strike distance through air
12.7
12
mm
mm
Weight
35
g
Equivalent Circuits for Simulation
Ratings
Symbol
Definitions
Conditions
min.
typ. max.
Unit
V
0
R
0
rectifier diode
D8 - D13
T
VJ = 125°C
0.9
16
V
m
W
V
0
R
0
IGBT
T1 - T6
T
VJ = 125°C
1.0
125
V
m
W
V
0
R
0
free wheeling diode
D1 - D6
T
VJ = 125°C
1.15
45
V
m
W
V
0
R
0
IGBT
T7
T
VJ = 125°C
1.0
125
V
m
W
V
0
R
0
free wheeling diode
D7
T
VJ = 125°C
1.4
60
V
m
W
I
V
0
R
0
T
C = 25°C unless otherwise stated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com