Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFS4936 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SFS4936
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SFS4936 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SFS4936 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS4936 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFS4936 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS4936 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS4936 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS4936 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
Notes :
※
1. V
GS = 10 V
2. I
D = 5.8 A
T
J, Junction Temperature [
oC]
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
※
1 . Z
θ JA(t ) = 6 2 . 5
/W
℃
2 . D u ty F a c to r, D = t
1 /t 2
3 . T
JM - T A = P DM * Z θ JA(t )
s ingle pu ls e
D= 0 .5
0.02
0.2
0.05
0.1
t
1 , S q uar e W a v e P u ls e D u r a t i on [ s ec ]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
※
1. V
GS = 0 V
2. I
D = 250 µ A
T
J, Junction Temperature [
oC]
Fig 9. Normalized Transient Thermal Response Curve
Fig 7. Breakdown Voltage Variation
vs. Junction Temperature
Fig 8. On-Resistance Variation
vs. Junction Temperature
SFS4936
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com