Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVCUQ072A Datasheet(PDF) 21 Page - NICHIA CORPORATION

Part # NVCUQ072A
Description  UV LED
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVCUQ072A Datasheet(HTML) 21 Page - NICHIA CORPORATION

Back Button NVCUQ072A Datasheet HTML 17Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 18Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 19Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 20Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 21Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 22Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 23Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 24Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 25Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
NICHIA STS-DA1-5429A <Cat.No.181204>
20
(6) Thermal Management
● When designing, the derating characteristics (i.e. Thermistor Temperature vs. Allowable Forward Current) must be considered.
The increase in the temperature of an LED while in operation may vary depending on the heat sink’s thermal resistance and the
density of LEDs in the system/assembly. Ensure that when using the LEDs for the chosen application, heat is not concentrated in
an area and properly managed in the system/assembly to ensure the derating characteristics during actual use.
● Use the thermistor temperature (T
TH) to determine the operating current for the chosen application and optimize the thermal
design (e.g. selecting a proper heat sink, thermal interface material, etc.) accordingly.
● The following two equations can be used to calculate the LED junction temperature:
1) TJ=TTH+RθJTH・W
2) TJ=TC+RθJC・W
*TJ=LED Junction Temperature: °C
TTH=Thermistor Temperature: °C
TC=Case Temperature(back surface of LED): °C
RθJTH=Thermal Resistance from Junction to TTH Measurement Point: °C/W
RθJC=Thermal Resistance from Junction to TC Measurement Point: °C/W
W=Input Power(IF×VF): W
● Once the LEDs have been attached to a heat sink, it is difficult to measure T
C due to the location of the TC measurement point.
Refer to the relevant application notes for a method of determining the TJ by measuring TTH. To access the application notes,
go to the Technical Suggestions And Recommendations section of Nichia's website.
● Refer to the relevant application notes for detailed information (e.g. how to handle the COB LEDs, the effect of
adhesion strength between the COB and the heat sink, thermal design considerations, etc.). To access the
application notes, go to the Technical Suggestions And Recommendations section of Nichia's website. Note that the
application notes may be updated, revised, modified and supplemented without notice.
● To determine the thermal resistance (RθJTH), use the following data/equation.
y = 0.07 e4.37 x
0.00
0.10
0.20
0.30
0.40
0.50
0.00
0.10
0.20
0.30
0.40
0.50
Derating1
サ
ス 温度変化量/投入電力 ℃/W
TH )
A mount of C hange in T emperature of T hermistor (T
/I nput P ower (°C /W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com