Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVCUQ072A Datasheet(PDF) 37 Page - NICHIA CORPORATION

Part # NVCUQ072A
Description  UV LED
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVCUQ072A Datasheet(HTML) 37 Page - NICHIA CORPORATION

Back Button NVCUQ072A Datasheet HTML 33Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 34Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 35Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 36Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 37Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 38Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 39Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 40Page - NICHIA CORPORATION NVCUQ072A Datasheet HTML 41Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Optoelectronic Products BU., UV Project
SP-QR-C-15810-3
14/23
Copyright © 2018 Nichia Corporation. All rights reserved. The information in this document is subject to change without notice.
Ever Researching for a Brighter World
Recommended Tightening Torques
Appearance
Thermal Interface Material
Tightening Torque
Result
Thermal Grease
30cN・m (0.30N・m)
No issue
35cN・m (0.35N・m)
No issue
40cN・m (0.40N・m)
No issue
45cN・m (0.45N・m)
No issue
50cN・m (0.50N・m)
No issue
55cN・m (0.55N・m)
No issue
60cN・m (0.60N・m)
No issue
M3 steel pan-head
screw
Material
Strength Grade
Type of Head
Tightening Torque (N m)
M2
M2.6
M3
M4
Steel
4.6
Pan-head
0.12
0.25
0.43
0.98
Stainless steel
A2 - 50
Pan-head
0.11
0.22
0.37
0.87
Brace
ー
Pan-head
0.09
0.18
0.28
0.74
•
Nichia has performed a tightening torque test for the NVCUQ096A/-D4 UV LEDs and confirmed that that there are no
issues with the following conditions:
Recommended screw: M3 steel pan-head screw
Recommended tightening torque range: 0.25 to 0.60N・m
Table 3. Results of a tightening torque test
Table 4. Tightening torques by screw type15
Note:
15
The tightening torque values are only typical values and are not the specification values for the indicated screws.
•
Cautions/Suggestions:
Use the test results/data presented above for reference purposes only. Nichia strongly recommends performing a
verification to ensure the optimal tightening torque for the chosen application.
◦ If the tightening torque is too low, it may cause issues with heat dissipation.
◦ If the tightening torque is too high, it may cause the ceramic substrate to be damaged.
◦ The optimal tightening torque varies depending on the material of the screw being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com