Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MD8837L-K08-2020-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MD8837L-K08-2020-R
Description  LOW-VOLTAGE H-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MD8837L-K08-2020-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MD8837L-K08-2020-R Datasheet HTML 1Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 2Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 3Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 4Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 5Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 6Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MD8837
Advance
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 7
www.unisonic.com.tw
W-
-
a
T I M I N G REQU I REM EN T S (TA=25°C, VM=5 V, VCC=3 V, RL=20
Ω)
PARMMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
t1
Output enable time
300
ns
t2
Output disable time
300
ns
t3
Delay time, INx high to OUTx high
160
ns
t4
Delay time, INx low to OUTx low
160
ns
t5
Output rise time
188
ns
t6
Output fall time
188
ns
twake
Wake time, nSLEEP rising dege to part active
30
us
PRI N CI PLE OF OPERAT I ON
A low-power sleep mode is included, which can be enabled using the nSLEEP pin.
The UTC MD8837 is a H-bridge driver that can drive one DC motor or other devices like solenoids. The outputs
are controlled using either a PWM interface (IN1/IN2) on the UTC MD8837 .
In addition, the UTC MD8837 adds protection features above traditional discrete implementations: undervoltage
lockout, overcurrent protection, and thermal shutdown.
DESI GN REQU I REM EN T S
Table 1 shows required parameters for a typical usage case.
Table 1.System Design Requirements
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Motor Supply Voltage
VM
9V
Logic Supply Voltage
VCC
3.3 V
Target RMS Current
IOUT
0.8 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com