Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MD8837L-K08-2020-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # MD8837L-K08-2020-R
Description  LOW-VOLTAGE H-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MD8837L-K08-2020-R Datasheet(HTML) 6 Page - Unisonic Technologies

  MD8837L-K08-2020-R Datasheet HTML 1Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 2Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 3Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 4Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 5Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 6Page - Unisonic Technologies MD8837L-K08-2020-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MD8837
Advance
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 7
www.unisonic.com.tw
W-
-
a
FEAT U RE DESCRI PT I ON
Bridge Control
Table 2 shows the logic for the MD8837 device:
Table 2.System Design Requirements
nSLEEP
IN1
IN2
OUT1
OUT2
Function
DC Motor
0
X
X
Z
Z
Coast
1
0
0
Z
Z
Coast
1
0
1
L
H
Reverse
1
1
0
H
L
Forward
1
1
1
L
L
Brake
Sleep Mode
If the nSLEEP pin is brought to a logic-low state, the UTC MD8837 enters a low-power sleep mode. In this state,
all unnecessary internal circuitry is powered down.
Power Supplies
VCC and VM may be applied and removed in any order. When VCC is removed, the device will enter a low power
state and draw very little current from VM.
The VM voltage supply does not have any under voltage lockout protection (UVLO), so as long as VCC > 1.8 V; the
internal device logic will remain active. This means that the VM pin voltage may drop to 0 V, however, the load may
not be sufficiently driven at low VM voltages.
Overcurrent Protection
An analog current limit circuit on each FET limits the current through the FET by removing the gate drive.
Operation resumes automatically after tRETRY has elapsed. Overcurrent conditions will be detected on both the
high-side and low-side devices.
VCC Undervoltage Lockout
If at any time the voltage on the VCC pin falls below the under voltage lockout threshold voltage, all FETs in the
H-bridge will be disabled. Operation resumes when VCC rises above the UVLO threshold.
Thermal Shutdown
If the die temperature exceeds safe limits, all FETs in the H-bridge will be disabled.After the die temperature falls
to a safe level, operation automatically resumes.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com