Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT95C20P Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT95C20P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C20P Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT95C20P Datasheet HTML 3Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 10Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................. VSS
-0.3 to VDD+0.3V
Operating Temperature ..........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
CPU
IIDL
Idle Mode Current
5V
32768Hz off, 3.58MHz off,
CPU off, LCD off, WDT off,
no load
¾¾
2
mA
ISLP
Sleep Mode Current
5V
32768Hz on, 3.58MHz off,
CPU off, LCD off, WDT off,
no load
¾¾
30
mA
IGRN
Green Mode Current
5V
32768Hz on, 3.58MHz off,
CPU on, LCD off, WDT off,
no load
¾¾
50
mA
INOR
Normal Mode Current
5V
32768Hz on, 3.58MHz on,
CPU on, LCD on, WDT on,
DTMF generator off, no load
¾¾
3mA
VIL
I/O Port Input Low Voltage
5V
¾
0
¾
1V
VIH
I/O Port Input High Voltage
5V
¾
4
¾
5V
IOL
I/O Port Sink Current
5V
¾
46
¾
mA
IOH
I/O Port Source Current
5V
¾-2
-3
¾
mA
RPH
Pull-high Resistor
5V
¾
10
30
¾
k
W
VLBIN
Low Battery Detection
Reference voltage
5V
¾
1.10
1.15
1.20
V
LCD Driver
VLCD
LCD Panel Power Supply
¾¾
¾
35
V
ILCD
LCD Operation Current
¾ VLCD=5V, 32768Hz, no load
¾¾
100
mA
Dialer I/O
IXMO
XMUTE Leakage Current
2.5V XMUTE pin=2.5V
¾¾
1
mA
IOLXM
XMUTE Sink Current
2.5V XMUTE pin=0.5V
1
¾¾
mA
IHKS
HKS Input Current
2.5V HKS pin=2.5V
¾¾
0.1
mA
RHFI
HFI Pull-low Resistance
2.5V VHFI=2.5V
¾
200
¾
k
W
RHDI
HDI Pull-high Resistance
2.5V VHDI=0V
¾
200
¾
k
W
IOH2
HFO Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL2
HFO Sink Current
2.5V VOL=0.5V
1
¾¾
mA
IOH3
HDO Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL3
HDO Sink Current
2.5V VOL=0.5V
1
¾¾
mA
IOH4
PO Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL4
PO Sink Current
2.5V VOL=0.5V
1
¾¾
mA
IOL5
DNPO Sink Current
2.5V VOL=0.5V
1
¾¾
mA
HT95LXXX
Rev. 1.20
7
May 26, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com