Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT95C20P Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT95C20P
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C20P Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT95C20P Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 10Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 11Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 12Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 13Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 14Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
HT95LXXX
Rev. 1.20
11
May 26, 2004
Special Register, Embedded Control Register, LCD Display Memory and General Purpose RAM
BP
(RAM Bank)
Address
Function
Description
Supported for HT95LXXX
400/P 300/P 200/P 100/P 000/P
Special Function Register
00H
00H
IAR0
Indirect addressing register 0
ÖÖÖÖÖ
00H
01H
MP0
Memory pointer register 0
ÖÖÖÖÖ
00H
02H
IAR1
Indirect addressing register 1
ÖÖÖÖÖ
00H
03H
MP1
Memory pointer register 1
ÖÖÖÖÖ
00H
04H
BP
Bank Pointer register
ÖÖÖÖÖ
00H
05H
ACC
Accumulator
ÖÖÖÖÖ
00H
06H
PCL
Program counter lower-order byte register
ÖÖÖÖÖ
00H
07H
TBLP
Table pointer
ÖÖÖÖÖ
00H
08H
TBLH
Table higher-order byte register
ÖÖÖÖÖ
00H
09H
WDTS
Watchdog Timer option setting register
ÖÖÖÖÖ
00H
0AH
STATUS
Status register
ÖÖÖÖÖ
00H
0BH
INTC0
Interrupt control register 0
ÖÖÖÖÖ
00H
0CH
TMR0H
Timer/Event Counter 0 high-order byte
register
ÖÖÖÖÖ
Stack Register
This is a special part of the memory which is used to
save the contents of the program counter only. The
stack is organized into 12 levels (HT95L400/40P), 8 lev-
els (HT95L300/30P, HT95L200/20P, HT95L100/10P) or
4 levels (HT95L000/00P) and is neither part of the data
nor part of the program space, and is neither readable
nor writable. The activated level is indexed by the stack
pointer (SP) and is neither readable nor writable.Ata
subroutine call or interrupt acknowledge signal, the con-
tents of the program counter are pushed onto the stack.
At the end of a subroutine or an interrupt routine, sig-
naled by a return instruction (RET or RETI), the program
counter is restored to its previous value from the stack.
After a chip reset, the SP will point to the top of the stack.
If the stack is full and an interrupt takes place, the inter-
rupt request flag will be recorded but the acknowledge
signal will be inhibited even if this interrupt is enabled.
When the stack pointer is decremented (by RET or
RETI), the interrupt will be serviced. This feature pre-
vents stack overflow allowing the programmer to use the
structure more easily. If the stack is full and a
²CALL² is
subsequently executed, stack overflow occurs and the
first entry will be lost (only the most recent 12, 8 or 4, de-
pending on various MCU type, returned addresses are
stored).
Data Memory
The data memory is divided into four functional groups:
special function registers, embedded control register,
LCD display memory and general purpose memory.
Most are read/write, but some are read only.
The special function registers are located from 00H to
1FH. The embedded control registers are located in the
memory areas from 20H to 3FH. The remaining spaces
which are not specified in the following table before the
40H are reserved for future expanded usage and read-
ing these locations will get
²00H². The general purpose
data memory is divided into 15 banks (HT95L400/40P),
11 banks (HT95L300/30P), 6 banks (HT95L200/20P,
HT95L100/10P) or 2 banks (HT95L000/00P). The
banks in the RAM are all addressed from 40H to 0FFH
and they are selected by setting the value of the bank
pointer (BP).
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer registers (MP0 or MP1). The
bank1~bank14 and bank27 are only indirectly accessi-
ble through memory pointer 1 register (MP1).
The LCD display memory is located at bank 1BH. They
can be read and written to by the indirect addressing
mode using memory pointer 1 (MP1). To turn the display
On or Off, a
²1² or ²0² is written to the corresponding bit
of the memory area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com