Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR032FT60ZB6 Datasheet(PDF) 81 Page - STMicroelectronics

Part # M58WR032FT60ZB6
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT60ZB6 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button M58WR032FT60ZB6 Datasheet HTML 77Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 78Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 79Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 80Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 81Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 82Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 83Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 84Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 86 page
background image
81/86
M58WR032FT, M58WR032FB
APPENDIX D. COMMAND INTERFACE STATE TABLES
Table 40. Command Interface States - Modify Table, Next State
Note: 1. CI = Command Interface, CR = Configuration Register, EFP = Enhanced Factory Program, Quad EFP = Quadruple Enhanced Fac-
tory Program, DWP = Double Word Program, QWP = Quadruple Word Program, P/E. C. = Program/Erase Controller.
2. At Power-Up, all banks are in Read Array mode. A Read Array command issued to a busy bank, results in undetermined data out-
put.
3. The two cycle command should be issued to the same bank address.
4. If the P/E.C. is active, both cycles are ignored.
5. The Clear Status Register command clears the Status Register error bits except when the P/E.C. is busy or suspended.
6. EFP and Quad EFP are allowed only when Status Register bit SR0 is set to ‘0’.EFP and Quad EFP are busy if Block Address is
first EFP Address. Any other commands are treated as data.
Current CI State
Command Input
Read
Array(2)
(FFh)
WP
setup
(3,4)
(10/40h)
DWP,
QWP
Setup
(3,4)
(35h,
56h)
Block
Erase,
Bank
Erase
Setup
(3,4)
(20h,
80h)
EFP
Setup
(30h)
Quad-
EFP
Setup
(75h)
Erase
Confirm
P/E
Resume,
Block
Unlock
confirm,
EFP
Confirm
(D0h)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
status
Register
(5)
(50h)
Read
Electronic
signature,
Read CFI
Query
(90h, 98h)
Ready
Ready
Program
Setup
Program
Setup
Erase Setup EFP Setup
Quad-EFP
Setup
Ready
Lock/CR Setup
Ready(LockError)
Ready
Ready(LockError)
OTP
Setup
OTPBusy
Busy
Program
Setup
ProgramBusy
Busy
ProgramBusy
Program
Suspended
ProgramBusy
Suspend
ProgramSuspended
Program
Busy
ProgramSuspended
Erase
Setup
Ready (error)
EraseBusy
Ready(error)
Busy
EraseBusy
Erase
Suspended
EraseBusy
Suspend
Erase
Suspended
Programin
Erase
Suspend
Erase Suspended
EraseBusy
EraseSuspended
Program
in Erase
Suspend
Setup
Program Busy in Erase Suspend
Busy
Program Busy in Erase Suspend
Program
Suspend in
Erase
Suspend
Program Busy in Erase Suspend
Suspend
Program Suspend in Erase Suspend
Program
Busy in
Erase
Suspend
Program Suspend in Erase Suspend
Lock/CR Setup
in Erase Suspend
EraseSuspend(LockError)
Erase
Suspend
EraseSuspend(LockError)
EFP
Setup
Ready (error)
EFPBusy
Ready(error)
Busy
EFPBusy(6)
Verify
EFPVerify(6)
Quad
EFP
Setup
QuadEFPBusy(6)
Busy
QuadEFPBusy(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com