Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR032FT60ZB6 Datasheet(PDF) 48 Page - STMicroelectronics

Part # M58WR032FT60ZB6
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT60ZB6 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M58WR032FT60ZB6 Datasheet HTML 44Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 45Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 46Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 47Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 48Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 49Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 50Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 51Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
M58WR032FT, M58WR032FB
48/86
Figure 15. Clock input AC Waveform
Table 21. Synchronous Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. For other timings please refer to Table 20., Asynchronous Read AC Characteristics.
Symbol
Alt
Parameter
M58WR032FT/B
Unit
60
70
80
tAVKH
tAVCLKH
Address Valid to Clock High
Min
7
9
9
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
7
9
9
ns
tELTV
Chip Enable Low to Wait Valid
Max
11
14
14
ns
tEHEL
Chip Enable Pulse Width
(subsequent synchronous reads)
Min
14
14
14
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
11
14
14
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
7
9
9
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
11
14
14
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
3
4
4
ns
tLLKH
tADVLCLKH
Latch Enable Low to Clock High
Min
7
9
9
ns
tKHKH
tCLK
Clock Period (f=54MHz)
Min
18.5
18.5
ns
Clock Period (f=66MHz)
Min
15
ns
tKHKL
tKLKH
Clock High to Clock Low
Clock Low to Clock High
Min
3.5
4.5
4.5
ns
tf
tr
Clock Fall or Rise Time
Max
3
3
3
ns
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com