Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCMR18C105PRBA0 Datasheet(PDF) 4 Page - AVX Corporation

Part # SCMR18C105PRBA0
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCMR18C105PRBA0 Datasheet(HTML) 4 Page - AVX Corporation

  SCMR18C105PRBA0 Datasheet HTML 1Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 2Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 3Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 4Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 5Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 6Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 7Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 8Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
082418
AVX Part Number
Diameter
(mm)
Length
(mm)
Rated
Capacitance
(F)
Capacitance
Tolerance
Rated
Voltage
(V)
Rated
Temperature
(°C)
DCL Max
@ 72 Hrs
(µA)
ESR Max
@ 1000 Hz
(mΩ)
ESR Max
@ DC
(mΩ)
Peak
Current
(A)
Power
Density
(W/kg)
Max
Energy
(Wh)
Energy
Density
(Wh/kg)
Shrink Wrap / Radial Lead
SCMR14G334SRBA0
8
14
0.33
+30%/-10%
7.5/6.4*
65/85*
2
450
900
0.95
2419
0.0026
0.83
SCMR14G334SRBB0
8
14
0.33
+30%/-10%
7.5/6.4*
65/85*
6
450
900
0.95
2419
0.0026
0.83
SCMR18G604SRBA0
8
18
0.6
+30%/-10%
7.5/6.4*
65/85*
6
225
450
1.77
3947
0.0047
1.23
SCMR18G604SRBB0
8
18
0.6
+30%/-10%
7.5/6.4*
65/85*
10
225
450
1.77
3846
0.0047
1.20
SCMR22G105SRBA0
8
22
1
+30%/-10%
7.5/6.4*
65/85*
10
180
360
2.76
4076
0.0078
1.70
SCMR22G105SRBB0
8
22
1
+30%/-10%
7.5/6.4*
65/85*
15
180
360
2.76
3989
0.0078
1.66
*with appropriate voltage derating operating temperature can be extended to 85°C
OPERATING TEMPERATURE RANGE
-40°C to +65°C @ 7.5V
-40°C to +85°C @ 6.4V
Test
Test Method
Parameter
Limits
Life Cycle
Capacitors are cycled between rated voltage and half-rated voltage under constant
current at +25°C for 500,000 cycles
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
High Temperature
Load Life
Temperature: +65°C
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
Voltage: Rated Voltage
Test Duration: 2,000 hours
Storage Temperature
Characteristics
Storage Duration: 1 year
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
No Load
Temperature: +25°C
Vibration Resistance
Amplitude: 1.5mm
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
Frequency: 10 ~ 55Hz
Direction: X, Y, Z for 2 hours each
Humidity
Voltage: Rated Voltage
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
RH: 90%
Temperature: +60°C
Test Duration: 1,500 hours
QUALIFICATION TEST SUMMARY
7.5V SCM Series
Series-Connected SuperCapacitor Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com