Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCMR18C105PRBA0 Datasheet(PDF) 7 Page - AVX Corporation

Part # SCMR18C105PRBA0
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCMR18C105PRBA0 Datasheet(HTML) 7 Page - AVX Corporation

Back Button SCMR18C105PRBA0 Datasheet HTML 3Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 4Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 5Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 6Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 7Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 8Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 9Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 10Page - AVX Corporation SCMR18C105PRBA0 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
082418
W±1.0 mm
L±1.5mm
фd±0.05mm
15 mm min
4mm min
D±1.0mm
+
-
P±0.5mm
(-) Negative Polarity
5.4V, 6.0V Shrink Wrap Type - Straight Leads
7.5V, 9.0V Shrink Wrap Type - Straight Leads
5.4V, 6.0V Shrink Wrap Type - Bent Leads
7.5V, 9.0V Shrink Wrap Type - Bent Leads
W±1.0 mm
L±1.5mm
B mm±0.5mm
фd±0.05mm
+
(-) Negative Polarity
D±1.0mm
Cap (F)
D (mm)
W (mm)
L (mm)
P (mm)
d (mm)
B (mm)*
0.47
6.3
13.6
14.0
9.0
0.6
2.0
0.47
8.0
16.0
14.0
11.5
0.6
2.0
1
8.0
16.0
18.0
11.5
0.6
2.0
1.5
8.0
16.0
22.0
11.5
0.6
2.0
2.5
10.0
20.0
22.0
15.5
0.6
2.0
5
10.0
20.0
32.0
15.5
0.6
2.0
5
12.5
25.0
22.0
18.0
0.6
2.0
7.5
12.5
25.0
32.0
18.0
0.6
2.0
15
16.0
32.0
33.0
23.7
0.8
2.0
*for version with bent leads
фd±0.05mm
15 mm min
4mm min
W±1.0 mm
P±0.5mm
(-) Negative Polarity
D±1.0mm
D±1.0mm
L ± 1.5
P±0.5mm
-
Cap (F)
D (mm) W (mm)
L (mm)
P (mm)
d (mm) B (mm)*
0.33
8.0
24.0
14.0
13.5
0.6
2.0
0.6
8.0
24.0
18.0
13.5
0.6
2.0
1
8.0
24.0
22.0
13.5
0.6
2.0
*for version with bent leads
W±1.0 mm
P±0.5mm
(-) Negative Polarity
B mm±0.5mm
фd±0.05mm
L ± 1.5
MECHANICAL SPECIFICATIONS
+
-
+
-
SCM Series
Series-Connected SuperCapacitor Modules
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com